Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0876313009 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 0876313009
Description  6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??PS-P Header, Through Hole, Right Angle, Short Contacts, 30 Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0876313009 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  0876313009 Datasheet HTML 1Page - Molex Electronics Ltd. 0876313009 Datasheet HTML 2Page - Molex Electronics Ltd. 0876313009 Datasheet HTML 3Page - Molex Electronics Ltd. 0876313009 Datasheet HTML 4Page - Molex Electronics Ltd. 0876313009 Datasheet HTML 5Page - Molex Electronics Ltd. 0876313009 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image


Similar Part No. - 0876313009

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876313000 MOLEX9-0876313000 Datasheet
451Kb / 6P
   6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??PS-P Header, Through Hole, Right Angle, Short Contacts, 32 Circuits
0876313001 MOLEX9-0876313001 Datasheet
451Kb / 6P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus PS-P Header
0876313002 MOLEX9-0876313002 Datasheet
451Kb / 6P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??PS- P Header, Through Hole, Right Angle, Short Contacts, 32 Circuits
0876313003 MOLEX9-0876313003 Datasheet
451Kb / 6P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus PS-P Header
0876313004 MOLEX9-0876313004 Datasheet
451Kb / 6P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus PS-P Header
More results

Similar Description - 0876313009

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876313013 MOLEX9-0876313013 Datasheet
451Kb / 6P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??PS- P Header, Through Hole, Right Angle, Short Contacts, 30 Circuits
0876313010 MOLEX9-0876313010 Datasheet
451Kb / 6P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??PS- P Header, Through Hole, Right Angle, Short Contacts, 34 Circuits
0876313000 MOLEX9-0876313000 Datasheet
451Kb / 6P
   6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??PS-P Header, Through Hole, Right Angle, Short Contacts, 32 Circuits
0876313008 MOLEX9-0876313008 Datasheet
451Kb / 6P
   6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??PS-P Header, Through Hole, Right Angle, Short Contacts, 28 Circuits
0876313002 MOLEX9-0876313002 Datasheet
451Kb / 6P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??PS- P Header, Through Hole, Right Angle, Short Contacts, 32 Circuits
0876312001 MOLEX9-0876312001 Datasheet
376Kb / 5P
   6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??PS P Header, Through Hole, Right Angle, Short Contacts, 52 Circuits
0876313028 MOLEX9-0876313028 Datasheet
451Kb / 6P
   6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??PS-P Header, Through Hole, Right Angle, Long Contacts, 28 Circuits
0876312013 MOLEX9-0876312013 Datasheet
376Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??PS- P Header, Through Hole, Right Angle, Long Contacts, 48 Circuits
0876313024 MOLEX9-0876313024 Datasheet
451Kb / 6P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??PS- P Header, Through Hole, Right Angle, Long Contacts, 14 Circuits
0876312002 MOLEX9-0876312002 Datasheet
376Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??PS-P Header, Through Hole, Right Angle, Short Contacts, 45 Circuits, Power Alpha 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com