Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0876962002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0876962002
Description  6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??Pa-S Header, Through Hole, Right Angle, with Beveled Metal Pins, Short Contacts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0876962002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0876962002 Datasheet HTML 1Page - Molex Electronics Ltd. 0876962002 Datasheet HTML 2Page - Molex Electronics Ltd. 0876962002 Datasheet HTML 3Page - Molex Electronics Ltd. 0876962002 Datasheet HTML 4Page - Molex Electronics Ltd. 0876962002 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0876962002
Status:
Active
Overview:
extreme_powerplus_ssi
Description:
6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus™ Pa-
S Header, Through Hole, Right Angle, with Beveled Metal Pins, Short Contacts, 31
Circuits, Power Alpha 7, Signal 24, Recessed Signal Pin D3, Lead-free
Documents:
3D Model
Product Specification PS-87631-006 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
87696
Application
Board-to-Board
Comments
Short Contact
Overview
extreme_powerplus_ssi
Product Literature Order No
987650-3002
Product Name
EXTreme PowerPlus™
Physical
Breakaway
No
Circuits (Loaded)
31
Circuits (maximum)
31
Circuits Detail
Power Alpha 7, Signal 24
Color - Resin
Black
Durability (mating cycles max)
100
First Mate / Last Break
Yes
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
4
Orientation
Right Angle
PC Tail Length (in)
0.135 In
PC Tail Length (mm)
3.43 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In, 0.250 In
Pitch - Mating Interface (mm)
2.54 mm, 6.35 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
101.6
Plating min: Termination (µm)
2.54
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
Yes
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87696Series
Mates With
87697 EXTreme PowerPlus™ Press-Fit Pa-
S Receptacle. 87700 EXTreme PowerPlus™
Through Hole Pa-S Receptacle


Similar Part No. - 0876962002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876962001 MOLEX9-0876962001 Datasheet
296Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??Pa-S Header, Through Hole, Right Angle, with Beveled Metal Pins, Short Contacts, 32Circuits, Power Alpha 8, Signal 24, Recessed Signal Pins A5, A6, B5, B6, C5, B6, D5,
0876962003 MOLEX9-0876962003 Datasheet
296Kb / 5P
   6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??Pa-S Header, Through Hole, Right Angle, with Beveled Metal Pins, Long Contacts
0876962008 MOLEX9-0876962008 Datasheet
296Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus Pa-S Header
More results

Similar Description - 0876962002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876962003 MOLEX9-0876962003 Datasheet
296Kb / 5P
   6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??Pa-S Header, Through Hole, Right Angle, with Beveled Metal Pins, Long Contacts
0876962010 MOLEX9-0876962010 Datasheet
296Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??Pa- S Header, Through Hole, Right Angle, with Beveled Metal Pins, Long Contacts
0876675002 MOLEX9-0876675002 Datasheet
302Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??S-Pb Header, Through Hole, Right Angle, with Beveled Metal Pins, Short Blade, 30 Circuits
0876682004 MOLEX9-0876682004 Datasheet
203Kb / 4P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??SPb Receptacle, Through Hole, Right Angle, Beveled Metal Pins
0878746001 MOLEX10-0878746001 Datasheet
243Kb / 5P
   5.08mm (.200), 2.54mm (.100) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??Pa-S Header, Through Hole, Right Angle, Beveled Metal Pins
0876071001 MOLEX9-0876071001 Datasheet
178Kb / 4P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??(SSI) DPS Receptacle, Through Hole, Right Angle, with Beveled Metal Pins
0876675015 MOLEX9-0876675015 Datasheet
302Kb / 5P
   6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??S-Pb Header, Through Hole, Right Angle, with Beveled Metal Pins, Long Blade, 34 Circuits
0876675011 MOLEX9-0876675011 Datasheet
302Kb / 5P
   6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??S-Pb Header, Through Hole, Right Angle, with Beveled Metal Pins, Long Blade, 22 Circuits
0876675010 MOLEX9-0876675010 Datasheet
302Kb / 5P
   6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??S-Pb Header, Through Hole, Right Angle, with Beveled Metal Pins, Long Blade, 34 Circuits
0876675005 MOLEX9-0876675005 Datasheet
302Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??S-Pb Header, Through Hole, Right Angle, with Beveled Metal Pins, Long Blade, 24 Circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com