Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0758360204 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0758360204
Description  1.85mm by 1.85mm (.073 by .073) Pitch 3-Pair GbX짰 Backplane Connector System, Open Header, 60 Circuits, Lead Free, Pin Length 4.55mm (.179)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0758360204 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0758360204 Datasheet HTML 1Page - Molex Electronics Ltd. 0758360204 Datasheet HTML 2Page - Molex Electronics Ltd. 0758360204 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 0758360204

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0758360104 MOLEX9-0758360104 Datasheet
220Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 3-Pair GbX짰 Backplane Connector System, Open Header, 60 Circuits, Lead Free, Pin Length 4.55mm (.179)
0758360504 MOLEX9-0758360504 Datasheet
220Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 3-Pair GbX짰 Backplane Connector System, Open Header, 30 Circuits, Lead Free, Pin Length 4.55mm (.179)
0758360505 MOLEX9-0758360505 Datasheet
219Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX짰 Backplane Connector System, Open Header, 30 Circuits, Lead Free, Pin Length 5.55mm (.219")
More results

Similar Description - 0758360204

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0758360104 MOLEX9-0758360104 Datasheet
220Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 3-Pair GbX짰 Backplane Connector System, Open Header, 60 Circuits, Lead Free, Pin Length 4.55mm (.179)
0758360504 MOLEX9-0758360504 Datasheet
220Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 3-Pair GbX짰 Backplane Connector System, Open Header, 30 Circuits, Lead Free, Pin Length 4.55mm (.179)
0758580104 MOLEX9-0758580104 Datasheet
231Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX짰 Backplane Connector System,Open Header, 80 Circuits, Lead Free, Pin Length 4.55mm (.179")
0758364104 MOLEX9-0758364104 Datasheet
246Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 3-Pair GbX짰 Backplane Connector System, Right Guide Header, 60 Circuits, Lead Free, Pin Length 4.55mm (.179)
0758364204 MOLEX9-0758364204 Datasheet
246Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 3-Pair GbX짰 Backplane Connector System, Right Guide Header, 150 Circuits, Lead Free, Pin Length 4.55mm (.179)
0758364234 MOLEX9-0758364234 Datasheet
246Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX짰 Backplane Connector SystemRight Guide Header, 150 Circuits, Lead Free, Pin Length 4.55mm (.179")
0758324204 MOLEX9-0758324204 Datasheet
220Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Right Guide Header, 100 Circuits, Pin Length 4.55mm (.179), Lead Free
0758380204 MOLEX9-0758380204 Datasheet
280Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX짰 Backplane Connector SystemOpen Header, 200 Circuits, Lead Free, Pin Length 4.55mm (.179")
0756470104 MOLEX9-0756470104 Datasheet
174Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Electrically Enhanced Connector System, Open Header, 100 Circuits, Pin Length 4.55mm (.179)
0758324104 MOLEX9-0758324104 Datasheet
220Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Right Guide Header, 100 Circuits, Pin Length 4.55mm (.179), Lead Free
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com