Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87715-9105 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 87715-9105
Description  1.00mm (.039) Pitch, PCI Express* Connector, 64 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.38關m (15關) Gold (Au) Plating, with Plastic Pegs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87715-9105 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  87715-9105 Datasheet HTML 1Page - Molex Electronics Ltd. 87715-9105 Datasheet HTML 2Page - Molex Electronics Ltd. 87715-9105 Datasheet HTML 3Page - Molex Electronics Ltd. 87715-9105 Datasheet HTML 4Page - Molex Electronics Ltd. 87715-9105 Datasheet HTML 5Page - Molex Electronics Ltd. 87715-9105 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0877159105
Status:
Active
Overview:
Description:
1.00mm (.039") Pitch, PCI Express* Connector, 64 Circuits, Nylon 4/6 Glass-filled,
Black Housing, Phosphor Bronze, 0.38µm (15µ") Gold (Au) Plating, with Plastic Pegs,
3.00mm (.118") Soldertail, Lead Free
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Edge Card Connectors
Series
87715
Comments
PCI 4 lanes
Component Type
Edgecard to PCB
Overview
pci_express_card_edge_connector
Product Name
PCI Express*
Physical
Circuits (Loaded)
64
Circuits (maximum)
64
Circuits Detail
All Signal
Durability (mating cycles max)
50
Entry Angle
Vertical (Top Entry)
Flammability
94V-0
Keying to Mating Part
Yes
Material - Plating Mating
Gold
Material - Plating Termination
Tin
PC Tail Length (in)
0.118 In
PC Tail Length (mm)
3.00 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.093 In
PCB Thickness Recommended (mm)
2.40 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Pitch - Term. Interface (in)
0.039 In
Pitch - Term. Interface (mm)
1.00 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.38
Polarized to Mating Part
Yes
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1.1A
Voltage - Maximum
50V AC (RMS)/DC
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Process Temperature max. C
245
Material Info
Reference - Drawing Numbers
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87715Series
Mates With
PCI Express Card


Similar Part No. - 87715-9105

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87715-9105 MOLEX-87715-9105 Datasheet
614Kb / 8P
   PCI EXPRESS EDGE CARD CONNECTOR (LEAD FREE VERSION)
More results

Similar Description - 87715-9105

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877156105 MOLEX9-0877156105 Datasheet
347Kb / 6P
   1.00mm (.039) Pitch, PCI Express* Connector, 64 Circuits, Nylon 6/6 Glass-filled, Black Housing, Phosphor Bronze, 0.38關m (15關) Gold (Au) Plating, with Plastic Pegs
0877156108 MOLEX9-0877156108 Datasheet
347Kb / 6P
   1.00mm (.039) Pitch, PCI Express* Connector, 64 Circuits, Nylon 6/6 Glass-filled, Black Housing, Phosphor Bronze, 0.38關m (15關) Gold (Au) Plating, with Plastic Pegs
0877159102 MOLEX9-0877159102 Datasheet
337Kb / 6P
   1.00mm (.039) Pitch, PCI Express* Connector, 64 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.38關m (15關) Gold (Au) Plating
0475054305 MOLEX6-0475054305 Datasheet
443Kb / 6P
   1.00mm (.039") Pitch, PCI Express* Connector, 164 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.38關m (15關") Gold (Au) Plating, with Plastic Pegs
0877159112 MOLEX9-0877159112 Datasheet
347Kb / 6P
   1.00mm (.039) Pitch, PCI Express* Connector, 64 Circuits, Nylon 4/6 Glass-filled, White Housing, Phosphor Bronze, 0.38關m (15關) Gold (Au) Plating
0877159308 MOLEX9-0877159308 Datasheet
338Kb / 6P
   1.00mm (.039") Pitch, PCI Express* Connector, 164 Circuits, Nylon 4/6 Glass-filled,Black Housing, Phosphor Bronze, 0.38關m (15關") Gold (Au) Plating, with Plastic Pegs,
0877159907 MOLEX9-0877159907 Datasheet
295Kb / 4P
   1.00mm (.039) Pitch, PCI Express* Connector, 98 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.38關m (15關) Gold (Au) Plating, with Plastic Pegs
0877153908 MOLEX9-0877153908 Datasheet
382Kb / 4P
   1.00mm (.039) Pitch, PCI Express* Connector, 230 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.38關m (15關) Gold (Au) Plating, with Plastic Pegs
0877159005 MOLEX9-0877159005 Datasheet
628Kb / 10P
   1.00mm (.039") Pitch, PCI Express* Connector, 36 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.38關m (15關") Gold (Au) Plating, with Plastic Pegs
0475059302 MOLEX6-0475059302 Datasheet
443Kb / 6P
   1.00mm (.039") Pitch, PCI Express* Connector, 164 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.38關m (15關") Gold (Au) Plating, with Plastic Pegs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com