Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75783-0137 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 75783-0137
Description  0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), Through Hole Shell, Left Key
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

75783-0137 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  75783-0137 Datasheet HTML 1Page - Molex Electronics Ltd. 75783-0137 Datasheet HTML 2Page - Molex Electronics Ltd. 75783-0137 Datasheet HTML 3Page - Molex Electronics Ltd. 75783-0137 Datasheet HTML 4Page - Molex Electronics Ltd. 75783-0137 Datasheet HTML 5Page - Molex Electronics Ltd. 75783-0137 Datasheet HTML 6Page - Molex Electronics Ltd. 75783-0137 Datasheet HTML 7Page - Molex Electronics Ltd. 75783-0137 Datasheet HTML 8Page - Molex Electronics Ltd. 75783-0137 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0757830137
Status:
Active
Overview:
ipass
Description:
0.80mm (.031") Pitch, iPass™ I/O SMT Receptacle, Right Angle, Internal Application,
36 Circuit, 0.38µm (15µ") Gold (Au), Through Hole Shell, Left Key
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-75783-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
I/O Connectors
Series
75783
Application
Wire-to-Board
Comments
Positive or passive latching cable available
Component Type
Receptacle
Overview
ipass
Product Name
iPass™, PCI Express*, SAS, Serial ATA
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
36
Circuits (maximum)
36
Color - Resin
Black
Durability (mating cycles max)
25
Flammability
94V-0
Gender
Receptacle
Keying to Mating Part
Yes
Lock to Mating Part
None
Material - Metal
Copper-Nickel-Zinc, High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.110 In
PCB Thickness Recommended (mm)
2.79 mm
Packaging Type
Embossed Tape on Reel
Panel Mount
No
Pitch - Mating Interface (in)
0.031 In
Pitch - Mating Interface (mm)
0.80 mm
Pitch - Term. Interface (in)
0.031 In
Pitch - Term. Interface (mm)
0.80 mm
Plating min: Mating (µin)
15.2
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
101.6
Plating min: Termination (µm)
2.54
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
75783Series
Mates With
iPass™ Cable Assemblies, 79575 , 79576
, 74562 , 74563 , 79536 , 74573 , 74569 ,
74586


Similar Part No. - 75783-0137

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75783-0130 MOLEX9-75783-0130 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), Through Hole Shell, Right Key
75783-0131 MOLEX9-75783-0131 Datasheet
1Mb / 14P
   0.80mm (.031") Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38關m (15關") Gold (Au), Through Hole Shell, Dual Key
75783-0132 MOLEX9-75783-0132 Datasheet
1Mb / 14P
   0.80mm (.031") Pitch, iPass I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit
75783-0133 MOLEX9-75783-0133 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.76關m (30關) Gold (Au), Through Hole Shell, Left Key
75783-0134 MOLEX9-75783-0134 Datasheet
1Mb / 14P
   0.80mm (.031") Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application36 Circuit, 0.76關m (30關") Gold (Au), Through Hole Shell, Right Key
More results

Similar Description - 75783-0137

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0757830145 MOLEX9-0757830145 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), Through Hole Shell, Left Key
0757830146 MOLEX9-0757830146 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), Through Hole Shell, Right Key
0757830154 MOLEX9-0757830154 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), Through Hole Shell, Right Key
0757830130 MOLEX9-0757830130 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), Through Hole Shell, Right Key
0757830138 MOLEX9-0757830138 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), Through Hole Shell, Right Key
0757830148 MOLEX9-0757830148 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), Through Hole Shell, Universal Key
0757840110 MOLEX9-0757840110 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), SMT Shell, Left Key
0757840137 MOLEX9-0757840137 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), Through Hole 2.79 Shell, Left Key
0757830111 MOLEX9-0757830111 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), SMT Shell, Right Key
0757840130 MOLEX9-0757840130 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), Through Hole Shell, Right Key
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com