Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87130-1600 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 87130-1600
Description  2.50mm (.098) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable 16 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87130-1600 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  87130-1600 Datasheet HTML 1Page - Molex Electronics Ltd. 87130-1600 Datasheet HTML 2Page - Molex Electronics Ltd. 87130-1600 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0871301600
Status:
Active
Description:
2.50mm (.098") Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable 16
Circuits
Documents:
3D Model
Product Specification PS-87130-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
General
Product Family
Ribbon Cable / Wire Trap Connectors
Series
87130
Component Type
One Piece
Glow-Wire Compliant
No
Product Name
Board-In, Cable Holder
Physical
Circuits (Loaded)
16
Circuits (maximum)
16
Entry Angle
Vertical
Flammability
94V-0
Lock to Mating Part
None
Number of Rows
1
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Pitch - Term. Interface (in)
0.098 In
Pitch - Term. Interface (mm)
2.50 mm
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-25°C to +85°C
Wire Insulation Diameter
1.60mm (.063") max.
Wire Size AWG
24, 26
Wire/Cable Type
Discrete Wire, Ribbon Cable
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Product Specification
PS-87130-001
Sales Drawing
SD-87130-**00
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87130Series
Mates With
N/A
Use With
Discrete Wire, Flat Cable, or Ribbon Cable


Similar Part No. - 87130-1600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87130-1000 MOLEX9-87130-1000 Datasheet
119Kb / 3P
   2.50mm (.098") Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable 10Circuits
87130-1100 MOLEX9-87130-1100 Datasheet
119Kb / 3P
   2.50mm (.098") Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable 11Circuits
87130-1200 MOLEX9-87130-1200 Datasheet
119Kb / 3P
   2.50mm (.098") Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable 12 Circuits
87130-1300 MOLEX9-87130-1300 Datasheet
119Kb / 3P
   2.50mm (.098") Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable 13 Circuits
87130-1400 MOLEX9-87130-1400 Datasheet
119Kb / 3P
   2.50mm (.098) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable 14 Circuits
More results

Similar Description - 87130-1600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0871301500 MOLEX9-0871301500 Datasheet
119Kb / 3P
   2.50mm (.098) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable 15 Circuits
0871301300 MOLEX9-0871301300 Datasheet
119Kb / 3P
   2.50mm (.098") Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable 13 Circuits
0871300300 MOLEX9-0871300300 Datasheet
119Kb / 3P
   2.50mm (.098) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable 3 Circuits
0871300500 MOLEX9-0871300500 Datasheet
119Kb / 3P
   2.50mm (.098) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable 5 Circuits
0871300800 MOLEX9-0871300800 Datasheet
119Kb / 3P
   2.50mm (.098) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable 8 Circuits
0871300400 MOLEX9-0871300400 Datasheet
119Kb / 3P
   2.50mm (.098") Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable 4 Circuits
0871301700 MOLEX9-0871301700 Datasheet
119Kb / 3P
   2.50mm (.098") Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable 17 Circuits
0871300900 MOLEX9-0871300900 Datasheet
119Kb / 3P
   2.50mm (.098) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable 9 Circuits
0871300600 MOLEX9-0871300600 Datasheet
119Kb / 3P
   2.50mm (.098) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable 6 Circuits
0871301400 MOLEX9-0871301400 Datasheet
119Kb / 3P
   2.50mm (.098) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable 14 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com