Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0875682043 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0875682043
Description  2.00mm (.079) Pitch Milli-Grid??Cable-to-Board Receptacle, Dual Row, IDT, Leadfree, 20 Circuits, 0.38mm (.015) Gold (Au) Selective Plating
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0875682043 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0875682043 Datasheet HTML 1Page - Molex Electronics Ltd. 0875682043 Datasheet HTML 2Page - Molex Electronics Ltd. 0875682043 Datasheet HTML 3Page - Molex Electronics Ltd. 0875682043 Datasheet HTML 4Page - Molex Electronics Ltd. 0875682043 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image


Similar Part No. - 0875682043

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0875682044 MOLEX9-0875682044 Datasheet
285Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Cable-to-Board Receptacle, Dual Row, IDT, Leadfree, 20 Circuits, 0.76mm (.030) Gold (Au) Selective Plating
0875682044 MOLEX1-0875682044_17 Datasheet
41Kb / 2P
   Milli-Grid Cable-to-Board Receptacle, Dual Row, IDT, Lead-Free, 20 Circuits, 0.76關m
More results

Similar Description - 0875682043

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0875681493 MOLEX9-0875681493 Datasheet
285Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Cable-to-Board Receptacle, Dual Row, IDT, Leadfree, 14 Circuits, 0.38mm (.015) Gold (Au) Selective Plating,
0875683043 MOLEX9-0875683043 Datasheet
285Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Cable-to-Board Receptacle, Dual Row, IDT, Leadfree 30 Circuits, 0.38mm (.015) Gold (Au) Selective Plating
0875682293 MOLEX9-0875682293 Datasheet
285Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Cable-to-Board Receptacle, Dual Row, IDT, Leadfree 22 Circuits, 0.38mm (.015) Gold (Au) Selective Plating
0875685043 MOLEX9-0875685043 Datasheet
285Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Cable-to-Board Receptacle, Dual Row, IDT, Leadfree 50 Circuits, 0.38mm (.015) Gold (Au) Selective Plating
0875684093 MOLEX9-0875684093 Datasheet
285Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Cable-to-Board Receptacle, Dual Row, IDT, Leadfree, 40 Circuits, 0.38mm (.015") Gold (Au) Selective Plating
0875684493 MOLEX9-0875684493 Datasheet
285Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Cable-to-Board Receptacle, Dual Row, IDT, Leadfree 44 Circuits, 0.38mm (.015) Gold (Au) Selective Plating
0875684043 MOLEX9-0875684043 Datasheet
285Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Cable-to-Board Receptacle, Dual Row, IDT, Leadfree, 40 Circuits, 0.38mm (.015) Gold (Au) Selective Plating
0875685093 MOLEX9-0875685093 Datasheet
285Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Cable-to-Board Receptacle, Dual Row, IDT, Leadfree, 50 Circuits, 0.38mm (.015) Gold (Au) Selective Plating
0875683443 MOLEX9-0875683443 Datasheet
285Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Cable-to-Board Receptacle, Dual Row, IDT, Leadfree 34 Circuits, 0.38mm (.015) Gold (Au) Selective Plating
0875681443 MOLEX9-0875681443 Datasheet
285Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Cable-to-Board Receptacle, Dual Row, IDT, Leadfree, 14 Circuits, 0.38mm (.015) Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com