Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0877159013 Datasheet(PDF) 10 Page - Molex Electronics Ltd.

Part # 0877159013
Description  1.00mm (.039) Pitch, PCI Express* Connector, 36 Circuits, Nylon 4/6 Glass-filled, White Housing, Phosphor Bronze, Gold (Au) Flash Plating, with Plastic Pegs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0877159013 Datasheet(HTML) 10 Page - Molex Electronics Ltd.

Back Button 0877159013 Datasheet HTML 2Page - Molex Electronics Ltd. 0877159013 Datasheet HTML 3Page - Molex Electronics Ltd. 0877159013 Datasheet HTML 4Page - Molex Electronics Ltd. 0877159013 Datasheet HTML 5Page - Molex Electronics Ltd. 0877159013 Datasheet HTML 6Page - Molex Electronics Ltd. 0877159013 Datasheet HTML 7Page - Molex Electronics Ltd. 0877159013 Datasheet HTML 8Page - Molex Electronics Ltd. 0877159013 Datasheet HTML 9Page - Molex Electronics Ltd. 0877159013 Datasheet HTML 10Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image


Similar Part No. - 0877159013

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877159012 MOLEX9-0877159012 Datasheet
638Kb / 10P
   1.00mm (.039") Pitch, PCI Express Connector, 36 Circuits, Nylon 4/6 Glass-filled White Housing
0877159017 MOLEX9-0877159017 Datasheet
347Kb / 6P
   1.00mm (.039") Pitch, PCI Express* Connector, 36 Circuits, Nylon 4/6 Glass-filled,White Housing, Phosphor Bronze, Gold (Au) Flash, with Plastic Pegs, 2.30mm (.091")
0877159018 MOLEX9-0877159018 Datasheet
347Kb / 6P
   1.00mm (.039) Pitch, PCI Express* Connector, 36 Circuits, Nylon 4/6 Glass-filled, White Housing, Phosphor Bronze, 0.38關m (15關) Gold (Au) Plating, with Plastic Pegs
More results

Similar Description - 0877159013

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877159217 MOLEX9-0877159217 Datasheet
348Kb / 6P
   1.00mm (.039) Pitch, PCI Express* Connector, 98 Circuits, Nylon 4/6 Glass-filled, White Housing, Phosphor Bronze, Gold (Au) Flash Plating, with Plastic Pegs
0877159313 MOLEX9-0877159313 Datasheet
638Kb / 10P
   1.00mm (.039) Pitch, PCI Express* Connector, 164 Circuits, Nylon 4/6 Glass-filled, White Housing, Phosphor Bronze, Gold (Au) Flash Plating, with Plastic Pegs
0877159000 MOLEX9-0877159000 Datasheet
629Kb / 10P
   1.00mm (.039) Pitch, PCI Express* Connector, 36 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, Gold (Au) Flash, with Plastic Pegs
0877156000 MOLEX9-0877156000 Datasheet
340Kb / 6P
   1.00mm (.039) Pitch, PCI Express* Connector, 36 Circuits, Nylon 6/6 Glass-filled, Black Housing, Phosphor Bronze, Gold (Au) Flash, with Plastic Pegs
0877159017 MOLEX9-0877159017 Datasheet
347Kb / 6P
   1.00mm (.039") Pitch, PCI Express* Connector, 36 Circuits, Nylon 4/6 Glass-filled,White Housing, Phosphor Bronze, Gold (Au) Flash, with Plastic Pegs, 2.30mm (.091")
0877159107 MOLEX9-0877159107 Datasheet
337Kb / 6P
   1.00mm (.039) Pitch, PCI Express* Connector, 64 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, Gold (Au) Flash, with Plastic Pegs
0877159307 MOLEX9-0877159307 Datasheet
338Kb / 6P
   1.00mm (.039) Pitch, PCI Express* Connector, 164 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, Gold (Au) Flash, with Plastic Pegs
0877159103 MOLEX9-0877159103 Datasheet
337Kb / 6P
   1.00mm (.039") Pitch, PCI Express* Connector, 64 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, Gold (Au) Flash, with Plastic Pegs
0877159903 MOLEX9-0877159903 Datasheet
295Kb / 4P
   1.00mm (.039) Pitch, PCI Express Connector, 98 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, Gold (Au) Flash, with Plastic Pegs
0877159300 MOLEX9-0877159300 Datasheet
629Kb / 10P
   1.00mm (.039) Pitch, PCI Express* Connector, 164 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, Gold (Au) Flash, with Plastic Pegs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com