Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

79925-0001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 79925-0001
Description  TDP짰 (Triad짰 Differential Pair) PCIe x1 Cable Assembly, 18 Circuit, 1.00m (3.281) Length, 4-40 Jackscrew
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

79925-0001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  79925-0001 Datasheet HTML 1Page - Molex Electronics Ltd. 79925-0001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 79925-0001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
79925-0002 MOLEX9-79925-0002 Datasheet
193Kb / 2P
   TDP (Triad Differential Pair) PCIe x1 Cable Assembly, 18 Circuit, 3.00m (9.842 )Length, 4-40 Jackscrew
79925-0003 MOLEX9-79925-0003 Datasheet
196Kb / 2P
   TDP (Triad Differential Pair) PCIe x1 Cable Assembly, 18 Circuit, 1.00m (3.281 ) Length
79925-0004 MOLEX9-79925-0004 Datasheet
196Kb / 2P
   TDP (Triad Differential Pair) PCIe x1 Cable Assembly, 18 Circuit, 3.00m (9.842 )Length, M3 Jackscrew
79925-0005 MOLEX9-79925-0005 Datasheet
213Kb / 2P
   TDP (Triad Differential Pair) Cable Assembly, 28 Circuit, 1.00m (3.281 ) Length,4-40 Jackscrew
79925-0006 MOLEX9-79925-0006 Datasheet
216Kb / 2P
   TDP (Triad Differential Pair) Cable Assembly, 28 Circuit, 3.00m (9.842 ) Length, 4-40 Jackscrew
More results

Similar Description - 79925-0001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0799250013 MOLEX9-0799250013 Datasheet
217Kb / 2P
   TDP짰 (Triad짰 Differential Pair) Cable Assembly, 48 Circuit, 1.00m (3.281) Length, 4-40 Jackscrew
0799250003 MOLEX9-0799250003 Datasheet
196Kb / 2P
   TDP (Triad Differential Pair) PCIe x1 Cable Assembly, 18 Circuit, 1.00m (3.281 ) Length
0799250005 MOLEX9-0799250005 Datasheet
213Kb / 2P
   TDP (Triad Differential Pair) Cable Assembly, 28 Circuit, 1.00m (3.281 ) Length,4-40 Jackscrew
0799250002 MOLEX9-0799250002 Datasheet
193Kb / 2P
   TDP (Triad Differential Pair) PCIe x1 Cable Assembly, 18 Circuit, 3.00m (9.842 )Length, 4-40 Jackscrew
0799250004 MOLEX9-0799250004 Datasheet
196Kb / 2P
   TDP (Triad Differential Pair) PCIe x1 Cable Assembly, 18 Circuit, 3.00m (9.842 )Length, M3 Jackscrew
74576-0001 MOLEX-74576-0001 Datasheet
52Kb / 2P
   TDP 짰 (Triad 짰 Differential Pair) PCIe x1 Cable Assembly, 28 AWG, 1.00m Length
0799250006 MOLEX9-0799250006 Datasheet
216Kb / 2P
   TDP (Triad Differential Pair) Cable Assembly, 28 Circuit, 3.00m (9.842 ) Length, 4-40 Jackscrew
0799250014 MOLEX9-0799250014 Datasheet
217Kb / 2P
   TDP (Triad Differential Pair) Cable Assembly, 48 Circuit, 3.00m (9.842 ) Length, 4-40 Jackscrew
0741550001 MOLEX1-0741550001 Datasheet
33Kb / 2P
   1.27mm Pitch TDP (Triad Differential Pair) PCIe x1 Plug, Vertical, Shielded, 18 Circuits
0745464181 MOLEX1-0745464181 Datasheet
30Kb / 1P
   iPass PCIe x16-to-(2) x8 Splitter Cable Assembly, 28 AWG, 1.00m Length
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com