Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0791077212 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0791077212
Description  2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 1.91mm (.075) Tail Length, 0.38關m (15關) Gold (Au) Selective Plating, 26 Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0791077212 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0791077212 Datasheet HTML 1Page - Molex Electronics Ltd. 0791077212 Datasheet HTML 2Page - Molex Electronics Ltd. 0791077212 Datasheet HTML 3Page - Molex Electronics Ltd. 0791077212 Datasheet HTML 4Page - Molex Electronics Ltd. 0791077212 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 03/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0791077212
Status:
Active
Description:
2.00mm (.079") Pitch Milli-Grid™ Receptacle, Vertical, Through Hole, Dual Row,
1.91mm (.075") Tail Length, 0.38µm (15µ") Gold (Au) Selective Plating, 26 Circuits,
Leadfree
Documents:
3D Model
Product Specification PS-79107 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Receptacles
Series
79107
Application
Board-to-Board
Product Name
Milli-Grid™
Physical
Circuits (Loaded)
26
Color - Resin
Black
Durability (mating cycles max)
50
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.075 In
PC Tail Length (mm)
1.91 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.031 In
PCB Thickness Recommended (mm)
0.80 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.375
Plating min: Termination (µin)
75
Plating min: Termination (µm)
1.875
Polarized to Mating Part
No
Polarized to PCB
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Product Specification
PS-79107
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
79107Series
Mates With
87758 Vertical, Through Hole, Stackable
PCB Header, 87759 Vertical, Surface
Mount, Stackable PCB Header, 87760
Right Angle, Through Hole, Stackable PCB
Header, 87831 Vertical, Through Hole PCB
Header, 87832 Vertical, Surface Mount PCB


Similar Part No. - 0791077212

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0791077210 MOLEX9-0791077210 Datasheet
278Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row,1.91mm (.075") Tail Length, 0.38關m (15關") Gold (Au) Selective Plating, 22 Circuits,
0791077210 MOLEX1-0791077210_17 Datasheet
43Kb / 2P
   2.00mm Pitch Milli-Grid Receptacle, Vertical, Through Hole, Dual Row, 1.91mm Tail
0791077211 MOLEX9-0791077211 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 1.91mm (.075) Tail Length, 0.38關m (15關) Gold (Au) Selective Plating, 24 Circuits
0791077211 MOLEX1-0791077211_17 Datasheet
43Kb / 2P
   2.00mm Pitch Milli-Grid Receptacle, Vertical, Through Hole, Dual Row, 1.91mm Tail
0791077213 MOLEX9-0791077213 Datasheet
278Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 1.91mm (.075") Tail Length, 0.38關m (15關") Gold (Au) Selective Plating, 28 Circuits
More results

Similar Description - 0791077212

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0791077214 MOLEX9-0791077214 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 1.91mm (.075) Tail Length, 0.38關m (15關) Gold (Au) Selective Plating
0791077210 MOLEX9-0791077210 Datasheet
278Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row,1.91mm (.075") Tail Length, 0.38關m (15關") Gold (Au) Selective Plating, 22 Circuits,
0791077204 MOLEX9-0791077204 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 1.91mm (.075) Tail Length, 0.38關m (15關) Gold (Au) Selective Plating, 10 Circuits
0791077215 MOLEX9-0791077215 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 1.91mm (.075) Tail Length, 0.38關m (15關) Gold (Au) Selective Plating, 32 Circuits
0791077201 MOLEX9-0791077201 Datasheet
278Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 1.91mm (.075") Tail Length, 0.38關m (15關") Gold (Au) Selective Plating, 4 Circuits
0791077203 MOLEX9-0791077203 Datasheet
278Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 1.91mm (.075") Tail Length, 0.38關m (15關") Gold (Au) Selective Plating, 8 Circuits
0791077217 MOLEX9-0791077217 Datasheet
278Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 1.91mm (.075") Tail Length, 0.38關m (15關") Gold (Au) Selective Plating, 36 Circuits
0791077219 MOLEX9-0791077219 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 1.91mm (.075) Tail Length, 0.38關m (15關) Gold (Au) Selective Plating, 40 Circuits
0791077211 MOLEX9-0791077211 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 1.91mm (.075) Tail Length, 0.38關m (15關) Gold (Au) Selective Plating, 24 Circuits
0791077208 MOLEX9-0791077208 Datasheet
278Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 1.91mm (.075") Tail Length, 0.38關m (15關") Gold (Au) Selective Plating, 18 Circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com