Electronic Components Datasheet Search |
|
87633-1005 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
87633-1005 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 6 page This document was generated on 05/21/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0876331005 Status: Active Overview: extreme_powerplus_ssi Description: 6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus™ P- S-P Receptacle, Press-fit, Vertical, 52 Circuits, Power Beta 2, Signal 48, Power Alpha 2, Recessed Power Circuit Position A2, B2, with Beveled Metal Pin Option, Leadfree Documents: 3D Model Product Specification PS-87633-006 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family PCB Receptacles Series 87633 Application Board-to-Board Comments <LI>With Beveled Metal Pin Option|<LI>Recessed Power Circuit Position: A2, B2 Overview extreme_powerplus_ssi Product Literature Order No 987650-3002 Product Name EXTreme PowerPlus™ Physical Circuits (Loaded) 52 Circuits Detail Power Beta 2, Signal 48, Power Alpha 2 Color - Resin Black Durability (mating cycles max) 100 Glow-Wire Compliant No Guide to Mating Part Yes Keying to Mating Part Yes Material - Metal Copper Alloy Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Number of Rows 4 Orientation Vertical PC Tail Length (in) 0.135 In PC Tail Length (mm) 3.43 mm PCB Locator No PCB Retention None PCB Thickness Recommended (in) 0.093 In PCB Thickness Recommended (mm) 2.40 mm Packaging Type Tray Pitch - Mating Interface (in) 0.100 In, 0.250 In Pitch - Mating Interface (mm) 2.54 mm, 6.35 mm Plating min: Mating (µin) 30 Plating min: Mating (µm) 0.76 Plating min: Termination (µin) 100 Plating min: Termination (µm) 2.54 Polarized to Mating Part Yes Polarized to PCB Yes Temperature Range - Operating -20°C to +105°C Termination Interface: Style Through Hole - Compliant Pin Electrical Current - Maximum per Contact 2.5A, 30A Voltage - Maximum 50V DC Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 87633Series Mates With 87631 EXTreme PowerPlus™ P-S-P Header |
Similar Part No. - 87633-1005 |
|
Similar Description - 87633-1005 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |