Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0874272213 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0874272213
Description  4.20mm (.165) Mini-Fit Jr.??Header, Right Angle, Nylon, with Flange, 22 Circuits, Tin (Sn) over Copper (Cu) Plating, Glow Wire Compatible
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0874272213 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0874272213 Datasheet HTML 1Page - Molex Electronics Ltd. 0874272213 Datasheet HTML 2Page - Molex Electronics Ltd. 0874272213 Datasheet HTML 3Page - Molex Electronics Ltd. 0874272213 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
13A
Voltage - Maximum
600V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-87427-003
Product Specification
PS-87427-0001
Sales Drawing
SD-87427-**1*
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0874272213

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0874272212 MOLEX9-0874272212 Datasheet
172Kb / 4P
   4.20mm (.165) Mini-Fit Jr.??Header, Right Angle, Nylon, with Flange, 22Circuits, Tin (Sn) over Nickel (Ni) Plating, Glow Wire Compatible
0874272212 MOLEX1-0874272212_18 Datasheet
40Kb / 2P
   Mini-Fit Jr. Header, 4.20mm Pitch, Right Angle, Nylon, with Flange, 22 Circuits, Tin (Sn) over Nickel (Ni) Plating
More results

Similar Description - 0874272213

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0874272203 MOLEX9-0874272203 Datasheet
164Kb / 4P
   4.20mm (.165) Mini-Fit Jr.??Header, Right Angle, Nylon, without Flange, 22 Circuits, Tin (Sn) over Copper (Cu) Plating, Glow Wire Compatible
0874270413 MOLEX9-0874270413 Datasheet
232Kb / 4P
   4.20mm (.165) Mini-Fit Jr.??Header, Right Angle, Nylon, with Flange, 4 Circuits, Tin (Sn) over Copper (Cu) Plating, Glow Wire Compatible
0874272013 MOLEX9-0874272013 Datasheet
232Kb / 4P
   4.20mm (.165) Mini-Fit Jr.??Header, Right Angle, Nylon, with Flange, 20 Circuits, Tin (Sn) over Copper (Cu) Plating, Glow Wire Compatible
0874271813 MOLEX9-0874271813 Datasheet
232Kb / 4P
   4.20mm (.165) Mini-Fit Jr.??Header, Right Angle, Nylon, with Flange, 18 Circuits, Tin (Sn) over Copper (Cu) Plating, Glow Wire Compatible
0874270613 MOLEX9-0874270613 Datasheet
232Kb / 4P
   4.20mm (.165) Mini-Fit Jr.??Header, Right Angle, Nylon, with Flange, 6 Circuits, Tin (Sn) over Copper (Cu) Plating, Glow Wire Compatible
0874272413 MOLEX9-0874272413 Datasheet
249Kb / 4P
   4.20mm (.165) Mini-Fit Jr.??Header, Right Angle, Nylon, with Flange, 24 Circuits, Tin (Sn) over Copper (Cu) Plating, Glow Wire Compatible
0874271013 MOLEX9-0874271013 Datasheet
232Kb / 4P
   4.20mm (.165") Mini-Fit Jr.??Header, Right Angle, Nylon, with Flange, 10 Circuits, Tin(Sn) over Copper (Cu) Plating, Glow Wire Compatible
0874271203 MOLEX9-0874271203 Datasheet
172Kb / 4P
   4.20mm (.165) Mini-Fit Jr.??Header, Right Angle, Nylon, without Flange,12 Circuits, Tin (Sn) over Copper (Cu) Plating, Glow Wire Compatible
0874271603 MOLEX9-0874271603 Datasheet
172Kb / 4P
   4.20mm (.165) Mini-Fit Jr.??Header, Right Angle, Nylon, without Flange,16 Circuits, Tin (Sn) over Copper (Cu) Plating, Glow Wire Compatible
0874271043 MOLEX9-0874271043 Datasheet
257Kb / 4P
   4.20mm (.165) Mini-Fit Jr.??Header, Vertical, Nylon, without Flange, 10Circuits, Tin (Sn) over Copper (Cu) Plating, Glow Wire Compatible
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com