Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0784920001 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0784920001
Description  1.27mm (.050) Pitch Micro Serial ATA Device Receptacle for 1.8" SSD/HDD, SMT, Vertical, with Pegs and Kapton Tape, 16 Circuits, EmbossedTape on Reel, Lead free
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0784920001 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0784920001 Datasheet HTML 1Page - Molex Electronics Ltd. 0784920001 Datasheet HTML 2Page - Molex Electronics Ltd. 0784920001 Datasheet HTML 3Page - Molex Electronics Ltd. 0784920001 Datasheet HTML 4Page - Molex Electronics Ltd. 0784920001 Datasheet HTML 5Page - Molex Electronics Ltd. 0784920001 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image


Similar Part No. - 0784920001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0784950001 MOLEX9-0784950001 Datasheet
530Kb / 6P
   0.80mm(.031), 1.27mm(.050) Micro SAS Receptacle, Dual Stack, Right Angle, Through Hole, 0.76關m (30關) Gold (Au) Plating, 50 Circuits
0784990001 MOLEX9-0784990001 Datasheet
310Kb / 6P
   Camera Socket for Mobile Phone, SMT, Bottom Contact, 6.5x6.5 Camera Module, with Pick-and-Place Cap
0784990001 MOLEX1-0784990001_17 Datasheet
32Kb / 2P
   Camera Socket for Mobile Phone, Surface Mount, Bottom Contact
0784990002 MOLEX9-0784990002 Datasheet
310Kb / 5P
   Camera Socket for Mobile Phone, Bottom Contact, 6.5x6.5 Camera Module, withoutPick-and-Place Cap, Lead free
0784990002 MOLEX1-0784990002_17 Datasheet
33Kb / 2P
   6.50 by 6.50mm Camera Socket, 3.50mm Height, Parallel data type, Surface Mount
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com