Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA6023 Datasheet(PDF) 2 Page - Sanken electric

Part # SLA6023
Description  PNP NPN Darlington 3-phase motor drive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA6023 Datasheet(HTML) 2 Page - Sanken electric

  SLA6023 Datasheet HTML 1Page - Sanken electric SLA6023 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
115
NPN
PNP
NPN
PNP
NPN
PNP
VCE(sat)-IB Characteristics (Typical)
θ j-a-PW Characteristics
VCE(sat)-IC Temperature Characteristics (Typical)
PT-Ta Characteristics
Safe Operating Area (SOA)
Characteristic curves
SLA6023
IC=5A, IB=10mA
IC=–5A, IB=–10mA
(Ta=25
°C)
NPN
PNP
Symbol
Specification
Unit
Conditions
Specification
Unit
Conditions
min
typ
max
min
typ
max
ICBO
10
µAVCB=60V
–10
µAVCB=–60V
IEBO
10
µAVEB=6V
–10
mA
VEB=–6V
VCEO
60
V
IC=25mA
–60
V
IC=–25mA
hFE
2000
5000
12000
VCE=4V, IC=5A
2000
5000
12000
VCE=–4V, IC=–5A
VCE(sat)
1.5
V
–1.5
V
VBE(sat)
2.0
V
–2.0
V
VFEC
V
2.0
V
IFEC=5A
trr
µs
1.0
µsIFEC=±0.5A
ton
0.8
µsVCC 25V,
1.0
µsVCC –25V,
tstg
6.0
µsIC=5A,
1.4
µsIC=–5A,
tf
2.0
µsIB1=–IB2=10mA
0.6
µsIB1=–IB2=–10mA
fT
80
MHz
VCE=12V, IE=–1A
120
MHz
VCE=–12V, IE=1A
Cob
100
pF
VCB=10V, f=1MHz
150
pF
VCB=–10V, f=1MHz
3
0.2
0.5
2
1
1
5
10
50 100 200
IC=4A
IC=2A
IC=8A
0.6
IB (mA)
3
0.1
0.5
2
1
0
15
10
20
Ta=125
°C
75
°C
25
°C
–30
°C
(IC / IB=1000)
IC (A)
20
10
5
1
0.5
1
5
10
50 100
500 1000
PW (mS)
25
20
15
10
5
0
With Silicone Grease
Natural Cooling
Heatsink: Aluminum
in mm
–40
0
50
100
150
Ta (
°C)
Without Heatsink
10
0
×
10
0
×
2
50×
50×
2
–3
–0.2
–0.5
–2
–1
–1
–5
–10
–50 –100 –200
IC=–8A
IC=–4A
IC=–2A
0.6
IB (mA)
–0.1
–0.5
–2
–3
–1
0
–1
–5
–10
–20
Ta=–30
°C
25
°C
75
°C
125
°C
(IC / IB=1000)
IC (A)
–10
–5
–5
–1
–0.5
–0.1
–100
–50
–10
–3
–20
Single Pulse
Without Heatsink
Ta=25
°C
VCE (V)
Electrical characteristics
10
5
5
1
0.5
0.1
100
50
10
3
20
Single Pulse
Without Heatsink
Ta=25
°C
VCE (V)


Similar Part No. - SLA6023

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA6023 SANKEN-SLA6023 Datasheet
45Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6023 SANKEN-SLA6023 Datasheet
45Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6023 SANKEN-SLA6023_06 Datasheet
45Kb / 2P
   PNP NPN Darlington 3-phase motor drive
More results

Similar Description - SLA6023

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA6012 SANKEN-SLA6012 Datasheet
30Kb / 2P
   PNP NPN Darlington 3-phase motor drive
logo
List of Unclassifed Man...
SMA6080 ETC1-SMA6080 Datasheet
36Kb / 2P
   PNP NPN Darlington 3-phase motor drive
logo
Sanken electric
SLA6022 SANKEN-SLA6022 Datasheet
45Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6024 SANKEN-SLA6024_06 Datasheet
54Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SMA6010 SANKEN-SMA6010_01 Datasheet
50Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SMA6080 SANKEN-SMA6080 Datasheet
40Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6026 SANKEN-SLA6026_06 Datasheet
45Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6020 SANKEN-SLA6020 Datasheet
50Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6026 SANKEN-SLA6026 Datasheet
45Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6020 SANKEN-SLA6020 Datasheet
33Kb / 2P
   PNP NPN Darlington 3-phase motor drive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com