Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA7021M Datasheet(PDF) 10 Page - Sanken electric

Part # SLA7021M
Description  Unipolar Driver ICs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7021M Datasheet(HTML) 10 Page - Sanken electric

Back Button SLA7021M Datasheet HTML 2Page - Sanken electric SLA7021M Datasheet HTML 3Page - Sanken electric SLA7021M Datasheet HTML 4Page - Sanken electric SLA7021M Datasheet HTML 5Page - Sanken electric SLA7021M Datasheet HTML 6Page - Sanken electric SLA7021M Datasheet HTML 7Page - Sanken electric SLA7021M Datasheet HTML 8Page - Sanken electric SLA7021M Datasheet HTML 9Page - Sanken electric SLA7021M Datasheet HTML 10Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
23
SLA7024M, SLA7026M, SLA7027MU, SLA7022MU, SLA7029M,
SMA7022MU, SMA7029M, SLA7020M, SLA7021M and SDK03M
Application Note
Chopper frequency vs. Output current
s NOTE
Either active high or active low excitation input signals can
be used for SLA7024M, SLA7026M, SLA7027MU and SDK03M.
However, take note of the output that corresponds to a
specified input as shown in the table below.
• SLA7024M, SLA7026M and SLA7027MU
Active High
Input
Output
INA (6 pin)
OUTA (1 pin)
INA (5 pin)
OUTA (8 pin)
INB (17 pin)
OUTB (11 pin)
INB (16 pin)
OUTB (18 pin)
Active Low
Input
Output
INA (6 pin)
OUTA (8 pin)
INA (5 pin)
OUTA (1 pin)
INB (17 pin)
OUTB (18 pin)
INB (16 pin)
OUTB (11 pin)
• SDK03M
Active High
Input
Output
IN1 (6 pin)
OUT1 (1, 16 pin)
IN2 (5 pin)
OUT2 (8, 9 pin)
Active Low
Input
Output
IN1 (6 pin)
OUT1 (8, 9 pin)
IN2 (5 pin)
OUT2 (1, 16 pin)
Chopper frequency vs. Supply voltage
0
VCC (V)
50
40
30
20
10
0
10
20
30
40
50
Motor : 23LM-C202 (1V/1.1A)
IO = 0.8A at VCC=24V
RS=1
0
IO (A)
50
40
30
20
10
0
0.2
0.4
0.6
0.8
1.0
Motor : 23LM-C202 (1V/1.1A)
VCC=24V
RS=1


Similar Part No. - SLA7021M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA7022 SANKEN-SLA7022 Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
59Kb / 2P
   2-Phase Excitation
SLA7022MU SANKEN-SLA7022MU Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU_10 Datasheet
59Kb / 2P
   2-Phase Excitation
More results

Similar Description - SLA7021M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-7300A SANKEN-SI-7300A Datasheet
67Kb / 5P
   Unipolar Driver ICs
SI-7115B SANKEN-SI-7115B Datasheet
41Kb / 5P
   Unipolar Driver ICs
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
   Unipolar 2-Phase Stepping Motor Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
logo
Rohm
BU52012HFV-TR ROHM-BU52012HFV-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com