Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA7032M Datasheet(PDF) 2 Page - Sanken electric

Part # SLA7032M
Description  2-Phase Stepper Motor Unipolar Driver ICs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7032M Datasheet(HTML) 2 Page - Sanken electric

  SLA7032M Datasheet HTML 1Page - Sanken electric SLA7032M Datasheet HTML 2Page - Sanken electric SLA7032M Datasheet HTML 3Page - Sanken electric SLA7032M Datasheet HTML 4Page - Sanken electric SLA7032M Datasheet HTML 5Page - Sanken electric SLA7032M Datasheet HTML 6Page - Sanken electric SLA7032M Datasheet HTML 7Page - Sanken electric SLA7032M Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
29
SLA7032M/SLA7033M
SLA7032M/SLA7033M
2-Phase Stepper Motor Unipolar Driver IC (2-Phase/1-2 Phase Excitation)
Rs
Rs
9
6
5
17
16
7
2
13
818
Active
Low
11
1
12
34
14
15
10
r1
r2
Vb (5V)
Vcc (46Vmax)
RsA
GA
GB
RsB
REFAREFB
OUTA
SLA7032M
SLA7033M
VsA
VsB
OUTA
INA
INA
INB
INB
OUTB OUTB
INA
INA
INB
INB
+
SYNC A
SYNC B
Active Low
sInternal Block Diagram
sDiagram of Standard External Circuit (Recommended Circuit Constants)
Active High
+
1, 8, 11, 18pin
Description of pins
9
2
4
3
14
15
13
10
Chopping
blanking timer
(5 s typ)
Synchronous
chopping
circuit
Synchronous
chopping
circuit
MOSFET
gate drive
circuit
MOSFET
gate drive
circuit
Oscillator
Oscillator
Reg.
Reg.
+
Excitation input
Active H
OUT A
OUT A
OUT B
OUT B
1pin
8pin
11pin
18pin
Active L
OUT A
OUT A
OUT B
OUT B
5
67
17
8
1
16
11
18
12
Chopping
OFF timer
(12
s typ)
µ
Chopping
blanking timer
(5 s typ)
µ
µ
Chopping
OFF timer
(12
s typ)
µ
Rs
Rs
9
6
5
17
16
7
2
13
818
Active
High
11
1
12
34
14
15
10
r1
r2
Vb (5V)
Vcc (46Vmax)
RsA
GA
GB
RsB
REFAREFB
OUTA
SLA7032M
SLA7033M
VsA
VsB
OUTA
INA
INA
INB
INB
OUTB OUTB
INA
INA
INB
INB
+
SYNC A
SYNC B
(1 to 2W)
r1 :4k
r2 :1k
Ω(VR)
Rs :1
Ω typ(7032M)
0.68
Ω typ(7033M)
r1 :4k
r2 :1k
Ω(VR)
Rs :1
Ω typ(7032M)
0.68
Ω typ(7033M)
1-2 phase excitation
clock
0
1
2
3
4
5
6
7
0
1
2
3
INA
H H LLL
LL
H H H
L
L
INA
LL
L
H H H
LL
LLL
H
INB
LH H H
LL
L
LLH H H
INB
LL
LLL
H H H LLL
L
Excitation signal time chart
2-phase excitation
clock
0
1
2
3
0
1
INA
HL
L
H
H
L
INA
L
HHL
L
H
INB
HH
L
L
H
H
INB
LL
H
H
L
L
Excitation signal time chart
2-phase excitation
clock
0
1
2
3
0
1
INA
L
HHL
L
H
INA
HL
L
H
H
L
INB
LL
H
H
L
L
INB
HH
L
L
H
H
1-2 phase excitation
clock
0
1
2
3
4
5
6
7
0
1
2
3
INA
L
L
H HHHHL
L
L
HH
INA
HHH
L
L
L
H HHH H
L
INB
H
L
L
L
HHH HH
L
L
L
INB
HHH HH
L
L
L
H H H H
(1 to 2W)


Similar Part No. - SLA7032M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA7032M SANKEN-SLA7032M Datasheet
445Kb / 2P
   2-Phase/1-2 Phase Excitation
More results

Similar Description - SLA7032M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7050M SANKEN-SLA7050M Datasheet
438Kb / 14P
   2-Phase Unipolar Stepper Motor Driver
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
   Unipolar 2-Phase Stepping Motor Driver ICs
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com