Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA7042M Datasheet(PDF) 1 Page - Sanken electric

Part # SLA7042M
Description  2-Phase Stepper Motor Unipolar Driver ICs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7042M Datasheet(HTML) 1 Page - Sanken electric

  SLA7042M Datasheet HTML 1Page - Sanken electric SLA7042M Datasheet HTML 2Page - Sanken electric SLA7042M Datasheet HTML 3Page - Sanken electric SLA7042M Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
44
SLA7042M/SLA7044M
2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M/SLA7044M
Parameter
Symbol
Ratings
Units
SLA7042M
SLA7044M
Motor supply voltage
VCC
46
V
FET Drain-Source voltage
VDSS
100
V
Control supply voltage
VDD
7V
Input voltage
VIN
−0.5 to VDD+0.5
V
Output current
IO
1.2
3
A
Power dissipation
PD
4.5 (Without Heatsink)
W
Channel temperature
Tch
+150
°C
Storage temperature
Tstg
−40 to +150
°C
sAbsolute Maximum Ratings
sElectrical Characteristics
Terminals
DATA,
CLOCK
and
STROBE
Ratings
Parameter
Symbol
SLA7042M
SLA7044M
Units
min
typ
max
min
typ
max
Control supply current
IDD
77
mA
Conditions
VDD=5.5V
VDD=5.5V
Control supply voltage
VDD
4.5
5
5.5
4.5
5
5.5
V
VIH
3.5
5
3.5
5
Conditions
VDD=5V
VDD=5V
VIL
0
1.5
0
1.5
V
Conditions
VDD=5V
VDD=5V
VH
11
V
Conditions
VDD=5V
VDD=5V
II
±1
±1
µ A
Conditions
VDD=5V, VI=0 or 5V
VDD=5V, VI=0 or 5V
VREF
0.4
2.5
0.4
2.5
Conditions
VDD=5V
VDD=5V
V
REF
VDISABLE
VDD
−1VDD
VDD
−1VDD
terminal
Conditions
VDD=5V
VDD=5V
IREF
±1
±1
µ A
Conditions
VDD=5V, VI=0 or 5V
VDD=5V, VI=0 or 5V
Vref
00
Conditions
MODE 0
MODE 0
Vref
20
20
Conditions
MODE 1
MODE 1
Vref
40
40
Conditions
MODE 2
MODE 2
Vref
55.5
55.5
Reference voltage
Conditions
MODE 3
MODE 3
%
selection output voltage
Vref
71.4
71.4
Conditions
MODE 4
MODE 4
Vref
83
83
Conditions
MODE 5
MODE 5
Vref
91
91
Conditions
MODE 6
MODE 6
Vref
100
100
Conditions
MODE 7
MODE 7
FET ON voltage
VDS
0.8
1.4
V
Conditions
ID=1.2A, VDD=4.75V
ID=3A, VDD=4.75V
FET Drain-Source
VDSS
100
100
V
voltage
Conditions
IDSS=4mA, VDD=5V
IDSS=4mA, VDD=5V
FET drain leakage current
IDSS
44
mA
Conditions
VDSS=100V, VDD=5V
VDSS=100V, VDD=5V
FET diode forward voltage
VSD
1.2
2.3
V
Conditions
ID=1.2A
ID=3A
TOFF
77
Conditions
MODE 1, 2
MODE 1, 2
Chopper off time
TOFF
99
µ s
Conditions
MODE 3, 4, 5
MODE 3, 4, 5
TOFF
11
11
Conditions
MODE 6, 7
MODE 6, 7
Tr
0.5
0.5
Conditions
VDD=5V, ID=1A
VDD=5V, ID=1A
Switching time
Tstg
0.7
0.7
µ s
Conditions
VDD=5V, ID=1A
VDD=5V, ID=1A
Tf
0.1
0.1
Conditions
VDD=5V, ID=1A
VDD=5V, ID=1A
Data setup time "A"
ts
DAT
75
75
Conditions
Inter-clock
Inter-clock
Data hold time "B"
th
DAT
75
75
Conditions
Inter-clock
Inter-clock
Data pulse time "C"
tw
DAT
150
150
Conditions
ns
Clock pulse width "D"
twh
CLK
100
100
Conditions
Stabilization time
tps
STB
100
100
before strobe "E"
Conditions
Strobe=L from clock
Strobe=L from clock
Strobe pulse H width "F"
twh
STB
100
100
Conditions
2W1-2 Phase Excitation/Micro-step Support
Input
voltage
Input hysteresis
voltage
Input
current
Input
voltage
Input
current


Similar Part No. - SLA7042M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SLA7042M ALLEGRO-SLA7042M Datasheet
99Kb / 8P
   MICROSTEPPING, UNIPOLAR PWM, HIGH-CURRENT MOTOR CONTROLLER/DRIVER
logo
Sanken electric
SLA7042M SANKEN-SLA7042M Datasheet
53Kb / 2P
   2W1-2 Phase Excitation/Micro-step Support
SLA7042M SANKEN-SLA7042M_10 Datasheet
53Kb / 2P
   2W1-2 Phase Excitation/Micro-step Support
More results

Similar Description - SLA7042M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7050M SANKEN-SLA7050M Datasheet
438Kb / 14P
   2-Phase Unipolar Stepper Motor Driver
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
   Unipolar 2-Phase Stepping Motor Driver ICs
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com