Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85510-5026 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 85510-5026
Description  Modular Jack, Vertical, SMT, 6/4, Solder Tabs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

85510-5026 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  85510-5026 Datasheet HTML 1Page - Molex Electronics Ltd. 85510-5026 Datasheet HTML 2Page - Molex Electronics Ltd. 85510-5026 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 85510-5026

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
85510-5020 MOLEX9-85510-5020 Datasheet
124Kb / 3P
   Modular Jack, Vertical, SMT, 8/8, Solder Tabs
85510-5025 MOLEX9-85510-5025 Datasheet
124Kb / 3P
   Modular Jack, Vertical, SMT, 4/4, Solder Tabs
85510-5027 MOLEX9-85510-5027 Datasheet
124Kb / 3P
   Modular Jack, Vertical, SMT, 6/6, Solder Tabs
85510-5028 MOLEX9-85510-5028 Datasheet
124Kb / 3P
   Modular Jack, Vertical, SMT, 8/8, Solder Tabs
More results

Similar Description - 85510-5026

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0855105018 MOLEX9-0855105018 Datasheet
124Kb / 3P
   Modular Jack, Vertical, SMT, 6/4, Solder Tabs
0855105019 MOLEX9-0855105019 Datasheet
124Kb / 3P
   Modular Jack, Vertical, SMT, 6/6, Solder Tabs
0855105027 MOLEX9-0855105027 Datasheet
124Kb / 3P
   Modular Jack, Vertical, SMT, 6/6, Solder Tabs
0855105017 MOLEX9-0855105017 Datasheet
124Kb / 3P
   Modular Jack, Vertical, SMT, 4/4, Solder Tabs
0855105025 MOLEX9-0855105025 Datasheet
124Kb / 3P
   Modular Jack, Vertical, SMT, 4/4, Solder Tabs
0855105028 MOLEX9-0855105028 Datasheet
124Kb / 3P
   Modular Jack, Vertical, SMT, 8/8, Solder Tabs
0855105020 MOLEX9-0855105020 Datasheet
124Kb / 3P
   Modular Jack, Vertical, SMT, 8/8, Solder Tabs
0855105026 MOLEX1-0855105026_18 Datasheet
33Kb / 2P
   Modular Jack, Vertical, Top Entry, Surface Mount, 6/4, Solder Tabs, 22" Reel
0855105018 MOLEX1-0855105018_18 Datasheet
33Kb / 2P
   Modular Jack, Vertical, Top Entry, Surface Mount, 6/4, Solder Tabs, 13" Reel
0855105027 MOLEX1-0855105027_18 Datasheet
33Kb / 2P
   Modular Jack, Vertical, Top Entry, Surface Mount, 6/6, Solder Tabs, 22" Reel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com