Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0850130048 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0850130048
Description  2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0850130048 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0850130048 Datasheet HTML 1Page - Molex Electronics Ltd. 0850130048 Datasheet HTML 2Page - Molex Electronics Ltd. 0850130048 Datasheet HTML 3Page - Molex Electronics Ltd. 0850130048 Datasheet HTML 4Page - Molex Electronics Ltd. 0850130048 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0850130048
Status:
Active
Overview:
din_41612
Description:
2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse,
0.6µm (24µ") Selective Gold (Au), 96 Circuits, Lead free
Documents:
3D Model
Product Specification PS-85013-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Backplane Connectors
Series
85013
Application
Backplane
Component Type
PCB Header
Overview
din_41612
Product Name
IEC 603-2/DIN 41612
Style
R
Physical
Circuits (Loaded)
96
Circuits (maximum)
96
Circuits Detail
Rows A, B, & C
Durability (mating cycles max)
400
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
Yes
Number of Columns
32
Number of Pairs
Open Pin Field
Number of Rows
3
Orientation
Vertical
PC Tail Length (in)
0.114 In
PC Tail Length (mm)
2.90 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
24
Plating min: Mating (µm)
0.6
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +125°C
Electrical
Current - Maximum per Contact
1A
Data Rate
622.0 Mbps
Voltage - Maximum
1000V (RMS)
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
85013Series
Mates With
85042 DIN 41612 Receptacle . 85052 DIN
41612 Header


Similar Part No. - 0850130048

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850130012 MOLEX9-0850130012 Datasheet
139Kb / 5P
   2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 64 Circuits, 0.6關m (24關) Selective Gold (Au), Lead free
0850130024 MOLEX9-0850130024 Datasheet
147Kb / 5P
   2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 0.6關m (24關") Selective Gold (Au), 96 Circuits
0850130036 MOLEX9-0850130036 Datasheet
140Kb / 5P
   2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse,0.6um (24u") Selective Gold (Au)
0850130050 MOLEX9-0850130050 Datasheet
277Kb / 8P
   2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse
0850130062 MOLEX9-0850130062 Datasheet
323Kb / 6P
   2.54mm (.100") Pitch DIN 41612 Header, Vertical, C-Pin Press-Fit Style R/2 Reverse0.6關m (24關") Selective Gold (Au), 32 Circuits, Lead free
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com