Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0749811001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0749811001
Description  2.00mm (.079") Pitch 6-Row VHDM-HSD Backplane Header, Guide Pin Signal Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0749811001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0749811001 Datasheet HTML 1Page - Molex Electronics Ltd. 0749811001 Datasheet HTML 2Page - Molex Electronics Ltd. 0749811001 Datasheet HTML 3Page - Molex Electronics Ltd. 0749811001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Stackable
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1A
Data Rate
5.0 Gbps
Real Signals (per 25mm)
48
Shielded
No
Voltage - Maximum
120V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-74981-010
VHDM-HSD is a trademark of Amphenol Corporation
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0749811001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0749811003 MOLEX9-0749811003 Datasheet
417Kb / 4P
   2.00mm (.079) Pitch 6-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield End Version, 40 Circuits, Pin Length 4.25mm (.167)
0749811004 MOLEX9-0749811004 Datasheet
417Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM-HSD Backplane Header, Guide Pin Signal Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com