Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0850150218 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0850150218
Description  2.54mm (.100") Pitch DIN 41612 Header, 4-Row C-Pin, Press-Fit Style R Reverse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0850150218 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0850150218 Datasheet HTML 1Page - Molex Electronics Ltd. 0850150218 Datasheet HTML 2Page - Molex Electronics Ltd. 0850150218 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1A
Data Rate
622.0 Mbps
Voltage - Maximum
250V AC (RMS)
Material Info
Reference - Drawing Numbers
Product Specification
PS-85013-0002
Sales Drawing
SDA-85015-0218
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0850150218

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850150206 MOLEX9-0850150206 Datasheet
74Kb / 3P
   2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, 4-Row, Style R Male
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com