Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75117-0538 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 75117-0538
Description  2.00mm (.0779") Pitch VHDM Board-to-Board Stacker Guided Recpectacle, Vertical, 400 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

75117-0538 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  75117-0538 Datasheet HTML 1Page - Molex Electronics Ltd. 75117-0538 Datasheet HTML 2Page - Molex Electronics Ltd. 75117-0538 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0751170538
Status:
Active
Overview:
vhdm
Description:
2.00mm (.0779") Pitch VHDM® Board-to-Board Stacker Guided Recpectacle, Vertical,
400 Circuits, 0.76µm (30µ") Gold (Au)
Documents:
Packaging Specification (PDF)
Product Specification PS-74031-999 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Backplane Connectors
Series
75117
Application
Daughtercard
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622010999.pdf">Tooling Manual</a>
Comments
Stack Height 18mm (.708")
Component Type
PCB Receptacle
Overview
vhdm
Product Name
VHDM®
Style
N/A
Physical
Circuits (Loaded)
400
Circuits (maximum)
400
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Guide to Mating Part
Yes
Keying to Mating Part
None
Material - Metal
Copper-Nickel-Silicon, High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Columns
N/A
Number of Pairs
Open Pin Field
Number of Rows
8
Orientation
Vertical
PC Tail Length (in)
0.112 In
PC Tail Length (mm)
2.85 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.071 In
PCB Thickness Recommended (mm)
1.80 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.039 In
Pitch - Term. Interface (mm)
1.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
30
Plating min: Termination (µm)
0.75
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
Yes
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
75117Series
Mates With
VHDM® Board-to-Board Backplane
HeaderLink:74061, 74060


Similar Part No. - 75117-0538

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75117-0018 MOLEX-75117-0018 Datasheet
100Kb / 2P
   2.00 by 2.25mm (.079 by.089?? Pitch VHDM Stacking System
75117-0018 MOLEX9-75117-0018 Datasheet
504Kb / 4P
   2.00mm (.079) Pitch VHDM짰 Board-to-Board Stacker Receptacle, Vertical, 8-Row, 400 Circuits, 0.76關m (30關) Gold (Au)
75117-0118 MOLEX-75117-0118 Datasheet
100Kb / 2P
   2.00 by 2.25mm (.079 by.089?? Pitch VHDM Stacking System
75117-0118 MOLEX9-75117-0118 Datasheet
504Kb / 4P
   2.00mm (.079) Pitch VHDM짰 Board-to-Board Stacker Receptacle, Vertical, 8-Row, 80 Circuits, 0.76關m (30關) Gold (Au)
75117-0218 MOLEX-75117-0218 Datasheet
100Kb / 2P
   2.00 by 2.25mm (.079 by.089?? Pitch VHDM Stacking System
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com