Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA7036M Datasheet(PDF) 6 Page - Sanken electric

Part # SMA7036M
Description  2-Phase Stepper Motor Unipolar Driver IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA7036M Datasheet(HTML) 6 Page - Sanken electric

  SMA7036M Datasheet HTML 1Page - Sanken electric SMA7036M Datasheet HTML 2Page - Sanken electric SMA7036M Datasheet HTML 3Page - Sanken electric SMA7036M Datasheet HTML 4Page - Sanken electric SMA7036M Datasheet HTML 5Page - Sanken electric SMA7036M Datasheet HTML 6Page - Sanken electric SMA7036M Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
17
SMA7036M
SMA7036M
2-Phase Stepper Motor Unipolar Driver IC (2-Phase Excitation)
Output current IO (A)
Motor : 23LM-C004
Holding mode
0
0.2
0.4
0.6
0.8
1.0
1.2
1.0
0.8
0.6
0.4
0.2
0
VCC
=44V
36V
24V
15V
Fig. 6 Heat dissipation per phase PH vs. Output current IO
∆T
j
1
02
3
4
∆T
C
Natural cooling
Without heatsink
150
100
50
0
Total Power (W)
Fig. 7 Temperature rise
Thermal characteristics
30
25
20
15
10
5
0
200
500
1K
Motor : PH265-01B
Motor current IO=0.8A
Ta=25
°C
VCC=24V, VS=24V
2-phase excitation
Response frequency (pps)
Without heatsink
Natural cooling
TC ( 4 pin)
sThermal Design
An outline of the method for calculating heat dissipation is
shown below.
(1) Obtain the value of PH that corresponds to the motor coil
current IO from Fig. 6 "Heat dissipation per phase PH vs. Out-
put current IO."
(2) The power dissipation Pdiss is obtained using the following
formula.
2-phase excitation: Pdiss
≅ 2PH+0.015×VS (W)
1-2 phase excitation: Pdiss
PH+0.015
×VS (W)
(3) Obtain the temperature rise that corresponds to the calcu-
lated value of Pdiss from Fig. 7 "Temperature rise."
3
2


Similar Part No. - SMA7036M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA70 MACOM-SMA70 Datasheet
108Kb / 1P
   10 TO 250 MHz CASCADABLE AMPLIFIER
SMA70 MACOM-SMA70 Datasheet
369Kb / 2P
   Cascadable Amplifier 10 to 250 MHz
logo
MIC GROUP RECTIFIERS
SMA70 MIC-SMA70 Datasheet
65Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SMA70 SUNMATE-SMA70 Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Tyco Electronics
SMA70-1 MACOM-SMA70-1 Datasheet
356Kb / 2P
   Cascadable Amplifier 10 to 250 MHz
More results

Similar Description - SMA7036M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA7050M SANKEN-SLA7050M Datasheet
438Kb / 14P
   2-Phase Unipolar Stepper Motor Driver
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
logo
Texas Instruments
DRV8805 TI1-DRV8805_12 Datasheet
780Kb / 19P
[Old version datasheet]   UNIPOLAR STEPPER MOTOR DRIVER IC
DRV8805 TI1-DRV8805 Datasheet
598Kb / 16P
[Old version datasheet]   UNIPOLAR STEPPER MOTOR DRIVER IC
JULY2011
DRV8805 TI-DRV8805_15 Datasheet
970Kb / 21P
[Old version datasheet]   UNIPOLAR STEPPER MOTOR DRIVER IC
logo
Sanken electric
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com