Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0874271002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0874271002
Description  4.20mm (.165") Mini-Fit Jr. Header, Right Angle, High Temperature, without Flange, 10 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0874271002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0874271002 Datasheet HTML 1Page - Molex Electronics Ltd. 0874271002 Datasheet HTML 2Page - Molex Electronics Ltd. 0874271002 Datasheet HTML 3Page - Molex Electronics Ltd. 0874271002 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0874271002
Status:
Active
Overview:
minifit_jr
Description:
4.20mm (.165") Mini-Fit Jr.™ Header, Right Angle, High Temperature, without Flange,
10 Circuits, Tin (Sn) over Nickel (Ni) Plating, Glow Wire Compatible
Documents:
3D Model
Product Specification PS-87427-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
87427
Application
Wire-to-Board
Comments
Current = 13A max. per circuit when header is mated
to a receptacle loaded with 45750 Mini-Fit Plus HCS™
Crimp Terminal Crimpted to to 16 AWG wire. . See
Molex product specification PS-45750-001 for additional
current de-rating information.
Overview
minifit_jr
Product Name
Mini-Fit Jr.™
Physical
Breakaway
No
Circuits (Loaded)
10
Color - Resin
Beige
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
Yes
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.130 In
PC Tail Length (mm)
3.30 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.165 In
Pitch - Mating Interface (mm)
4.20 mm
Pitch - Term. Interface (in)
0.165 In
Pitch - Term. Interface (mm)
4.20 mm
Plating min: Mating (µin)
101.6
Plating min: Mating (µm)
2.54
Plating min: Termination (µin)
101.6
Plating min: Termination (µm)
2.54
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87427Series
Mates With
5557 Mini-Fit Jr.™ Receptacle Housing


Similar Part No. - 0874271002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0874271002 MOLEX1-0874271002_18 Datasheet
40Kb / 2P
   Mini-Fit Jr. Header, 4.20mm Pitch, Right Angle, without Flange, 10 Circuits, Tin (Sn)over Nickel (Ni) Plating
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com