Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0760905001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0760905001
Description  Small Form-factor Pluggable Plus (SFP) Stacked 2-by-1 Multi-Port Connector with 4 Lightpipe Ports
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0760905001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0760905001 Datasheet HTML 1Page - Molex Electronics Ltd. 0760905001 Datasheet HTML 2Page - Molex Electronics Ltd. 0760905001 Datasheet HTML 3Page - Molex Electronics Ltd. 0760905001 Datasheet HTML 4Page - Molex Electronics Ltd. 0760905001 Datasheet HTML 5Page - Molex Electronics Ltd. 0760905001 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical
Current - Maximum per Contact
0.5A
Grounding to Panel
None
Shield Type
EMI Gasket
Shielded
Yes
Voltage - Maximum
120V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-75462-001
Product Specification
PS-75310-001
Sales Drawing
SD-76090-001
Test Summary
TS-75310-001
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0760905001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0760905001 MOLEX1-0760905001_17 Datasheet
52Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-1 Multi-Port Connector with 4 Lightpipe Ports, Elastomeric Gasket, 40 Circuits, Tin (Sn) Tails
More results

Similar Description - 0760905001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0760900001 MOLEX9-0760900001 Datasheet
524Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-1 Multi-Port Connector with 4 Lightpipe Ports
0760920001 MOLEX9-0760920001 Datasheet
723Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 4 Lightpipe Ports
0760925001 MOLEX9-0760925001 Datasheet
726Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 4 Lightpipe Ports
0760440003 MOLEX9-0760440003 Datasheet
505Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-1 Multi-Port Connector with 2 Outer Lightpipe Ports
0760900002 MOLEX9-0760900002 Datasheet
524Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-1 Multi-Port Connector with 2 Inner Lightpipe Ports
0760935001 MOLEX9-0760935001 Datasheet
826Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-5 Multi-Port Connector with 4 Lightpipe Ports
0760480001 MOLEX9-0760480001 Datasheet
986Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-6 Multi-Port Connector with 4 Lightpipe Ports
0760905002 MOLEX9-0760905002 Datasheet
528Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-1 Multi-Port Connector with 2 Inner Lightpipe Ports
0760925002 MOLEX9-0760925002 Datasheet
723Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 2 Inner Lightpipe Ports
0760450002 MOLEX9-0760450002 Datasheet
616Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Connector with 2 Inner Lightpipe Ports
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com