Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0760935001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0760935001
Description  Small Form-factor Pluggable Plus (SFP) Stacked 2-by-5 Multi-Port Connector with 4 Lightpipe Ports
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0760935001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0760935001 Datasheet HTML 1Page - Molex Electronics Ltd. 0760935001 Datasheet HTML 2Page - Molex Electronics Ltd. 0760935001 Datasheet HTML 3Page - Molex Electronics Ltd. 0760935001 Datasheet HTML 4Page - Molex Electronics Ltd. 0760935001 Datasheet HTML 5Page - Molex Electronics Ltd. 0760935001 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0760935001
Status:
Active
Overview:
sfp_stacked_multiport_connectors
Description:
Small Form-factor Pluggable Plus (SFP+) Stacked 2-by-5 Multi-Port Connector with 4
Lightpipe Ports, Elastomeric Gasket, 200 Circuits, Tin (Sn) Tails
Documents:
3D Model
Test Summary (PDF)
Application Specification (PDF)
Product Specification PS-75310-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
I/O Connectors
Series
76093
Application
Module-to-Board
Component Type
Receptacle
Overview
sfp_stacked_multiport_connectors
Product Name
SFP Plus
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
200
Circuits (maximum)
200
Circuits Detail
200
Color - Resin
Black, Clear (Blue Tint)
Durability (mating cycles max)
100
Flammability
94V-0
Gender
Female
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic, Polycarbonate
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.081 In
PC Tail Length (mm)
2.07 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.031 In
Pitch - Mating Interface (mm)
0.80 mm
Pitch - Term. Interface (in)
0.031 In
Pitch - Term. Interface (mm)
0.80 mm
Plating min: Mating (µin)
30.4
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
30.4
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
76093Series
Use With
0759510999 SFP Dust Plug,
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
SFP Stacked Multi-
Port Insertion Tool, 2
by 5
0622029980
SFP Stacked Multi-
Port Extraction Tool,
2 by 5
0622029990


Similar Part No. - 0760935001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0760935001 MOLEX1-0760935001_17 Datasheet
41Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-5 Multi-Port Connector with 4 Lightpipe Ports, Elastomeric Gasket, 200 Circuits, Tin (Sn) Tails
More results

Similar Description - 0760935001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0760920001 MOLEX9-0760920001 Datasheet
723Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 4 Lightpipe Ports
0760925001 MOLEX9-0760925001 Datasheet
726Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 4 Lightpipe Ports
0760900001 MOLEX9-0760900001 Datasheet
524Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-1 Multi-Port Connector with 4 Lightpipe Ports
0760470003 MOLEX9-0760470003 Datasheet
903Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-5 Multi-Port Connector with 2 Outer Lightpipe Ports
0760935002 MOLEX9-0760935002 Datasheet
826Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-5 Multi-Port Connector with 2 Inner Lightpipe Ports
0760905001 MOLEX9-0760905001 Datasheet
528Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-1 Multi-Port Connector with 4 Lightpipe Ports
0760480001 MOLEX9-0760480001 Datasheet
986Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-6 Multi-Port Connector with 4 Lightpipe Ports
0760925002 MOLEX9-0760925002 Datasheet
723Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 2 Inner Lightpipe Ports
0760450002 MOLEX9-0760450002 Datasheet
616Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Connector with 2 Inner Lightpipe Ports
0760910003 MOLEX9-0760910003 Datasheet
584Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Connector with 2 Inner Lightpipe Ports
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com