Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0873400624 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0873400624
Description  2.00mm (.079") Pitch Milli-Grid Receptacle, Surface Mount (Very Low Profile), Top Entry, with Locating Pegs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0873400624 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0873400624 Datasheet HTML 1Page - Molex Electronics Ltd. 0873400624 Datasheet HTML 2Page - Molex Electronics Ltd. 0873400624 Datasheet HTML 3Page - Molex Electronics Ltd. 0873400624 Datasheet HTML 4Page - Molex Electronics Ltd. 0873400624 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0873400624
Status:
Active
Description:
2.00mm (.079") Pitch Milli-Grid™ Receptacle, Surface Mount (Very Low Profile), Top
Entry, with Locating Pegs, 0.38µm (15µ") Gold (Au) Plating, 6 Circuits, Lead-free, Tube
Documents:
3D Model
Product Specification PS-87340 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
87340
Application
Board-to-Board
Product Literature Order No
987650-1991
Product Name
Milli-Grid™
Physical
Circuits (Loaded)
6
Color - Resin
Black
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PCB Locator
Yes
PCB Retention
None
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
76
Plating min: Termination (µm)
1.9
Polarized to Mating Part
No
Polarized to PCB
No
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
125V
Solder Process Data
Duration at Max. Process Temperature (seconds)
14
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
265
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87340Series
Mates With
87759 Vertical, Surface Mount, Stackable
PCB Headers, 87760 Right Angle, Through
Hole, Stackable PCB Headers, 87758
Vertical, Through Hole, Stackable PCB
Headers


Similar Part No. - 0873400624

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0873400623 MOLEX9-0873400623 Datasheet
276Kb / 5P
   2.00mm (.079") Pitch Milli-Grid Receptacle, Surface Mount (Very Low Profile), Top Entry
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com