Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0850480866 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0850480866
Description  2.54mm (.100") Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through Hole, Vertical
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0850480866 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0850480866 Datasheet HTML 1Page - Molex Electronics Ltd. 0850480866 Datasheet HTML 2Page - Molex Electronics Ltd. 0850480866 Datasheet HTML 3Page - Molex Electronics Ltd. 0850480866 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical
Current - Maximum per Contact
1A
Data Rate
622.0 Mbps
Real Signals (per 25mm)
30
Voltage - Maximum
250V AC (RMS)
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Lead-free Process Capability
Wave Capable (TH only)
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-85048-001
Sales Drawing
SD-85048-0001, SD-85048-0866
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0850480866

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850480000 MOLEX9-0850480000 Datasheet
130Kb / 4P
   2.54mm (.100") Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through Hole, Vertical
0850480024 MOLEX9-0850480024 Datasheet
126Kb / 4P
   2.54mm (.100) Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through Hole, Vertical, Female Style M, 32 Circuits, Lead free
0850480050 MOLEX9-0850480050 Datasheet
130Kb / 4P
   2.54mm (.100) Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through Hole, Vertical, Female Style M, 28 Circuits
0850480062 MOLEX9-0850480062 Datasheet
126Kb / 4P
   2.54mm (.100) Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through Hole, Vertical, Female Style M, 48 Circuits, Lead free
0850480074 MOLEX9-0850480074 Datasheet
126Kb / 4P
   2.54mm (.100") Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through HoleVertical, Female Style M, 48 Circuits, Lead free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com