Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA435A Datasheet(PDF) 1 Page - Sanken electric

Part # STA435A
Description  NPN Darlington With built-in avalanche diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA435A Datasheet(HTML) 1 Page - Sanken electric

  STA435A Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
142
IC-VCE Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
VCE(sat)-IB Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
θ j-a-PW Characteristics
PT-Ta Characteristics
Safe Operating Area (SOA)
Characteristic curves
(Ta=25
°C)
Symbol
Ratings
Unit
VCBO
65
±15
V
VCEO
65
±15
V
VEBO
6V
IC
4A
ICP
8 (PW
≤10ms, Du≤50%)
A
4 (Ta=25
°C)
20 (Tc=25
°C)
Tj
150
°C
Tstg
–40 to +150
°C
(Ta=25
°C)
Symbol
Unit
Conditions
ICBO
100
µAVCB=50V
IEBO
10
mA
VEB=6V
VCEO
50
65
80
V
IC=10mA
hFE
1000
VCE=4V, IC=3A
VCE(sat)
2.0
V
IC=3A, IB=10mA
ton
1.0
µsVCC 30V,
tstg
4.0
µsIC=3A,
tf
1.5
µsIB1=–IB2=10mA
Specification
min
typ
max
PT
W
STA435A
5
4
3
2
1
0
01
2
3
4
1.0mA
0.8mA
0.6mA
0.5mA
0.4mA
0.3mA
IB=2.0mA
VCE (V)
20000
0.05
0.1
1
4
IC (A)
10000
5000
1000
500
100
50
0.5
(VCE=4V)
typ
20000
10000
5000
1000
500
0.05
0.1
0.5
1
4
IC (A)
100
(VCE=4V)
25
°C
–30
°C
Ta
=125
°C
2
IC (A)
1
0
0.1
0.5
1
4
125˚C
Ta=–30
°C
25˚C
(IC / IB=1000)
3
2
1
0
0.2
0.5
1
5
10
50
100
IB (mA)
IC=4A
3A
2A
1A
30
10
5
1.0
0.5
1
5
10
50
100
500 1000
PW (ms)
5
1
0.5
0.1
0.05
35
10
50
100
VCE (V)
1ms
Single Pulse
Without Heatsink
Ta=25
°C
3
2
1
R1 R2
5
4
7
6
10
9
8
R1: 3k
Ω typ R2: 150Ω typ
NPN Darlington
With built-in avalanche diode
01
VBE (V)
2
3
4
2
1
0
(VCE=–4V)
–40
0
40 50
80
120
100
150
20
16
12
8.0
4.0
0
Ta (
°C)
24
With Silicone Grease
Natural Cooling
Heatsink: Aluminum
in mm
With Infinite Heatsink
Without Heatsink
100
×100×2
50
×50×2
25
×50×2
External dimensions D • • • STA400
Absolute maximum ratings
Electrical characteristics
sEquivalent circuit diagram


Similar Part No. - STA435A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA431 SANKEN-STA431 Datasheet
27Kb / 2P
   PNP NPN H-bridge
STA431A SANKEN-STA431A Datasheet
27Kb / 2P
   PNP NPN H-bridge
STA431A SANKEN-STA431A Datasheet
41Kb / 2P
   PNP NPN H-bridge
STA431A SANKEN-STA431A Datasheet
41Kb / 2P
   PNP NPN H-bridge
STA431A SANKEN-STA431A_06 Datasheet
41Kb / 2P
   PNP NPN H-bridge
More results

Similar Description - STA435A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SDC04 SANKEN-SDC04 Datasheet
21Kb / 1P
   NPN Darlington With built-in avalanche diode
STA301A SANKEN-STA301A_06 Datasheet
33Kb / 1P
   NPN Darlington With built-in avalanche diode
STA475A SANKEN-STA475A_06 Datasheet
39Kb / 1P
   NPN Darlington With built-in avalanche diode
SDC03 SANKEN-SDC03 Datasheet
21Kb / 1P
   NPN Darlington With built-in avalanche diode
STA471A SANKEN-STA471A Datasheet
24Kb / 1P
   NPN Darlington With built-in avalanche diode
SDC03 SANKEN-SDC03_01 Datasheet
35Kb / 1P
   NPN Darlington With built-in avalanche diode
STA371A SANKEN-STA371A Datasheet
23Kb / 1P
   NPN Darlington With built-in avalanche diode
STA401A SANKEN-STA401A Datasheet
22Kb / 1P
   NPN Darlington With built-in avalanche diode
STA460C SANKEN-STA460C Datasheet
19Kb / 1P
   NPN Darlington With built-in avalanche diode
STA481A SANKEN-STA481A Datasheet
23Kb / 1P
   NPN Darlington With built-in avalanche diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com