Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75235-0105 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 75235-0105
Description  1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX Backplane Connector System, Open Header
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

75235-0105 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  75235-0105 Datasheet HTML 1Page - Molex Electronics Ltd. 75235-0105 Datasheet HTML 2Page - Molex Electronics Ltd. 75235-0105 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 75235-0105

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75235-0103 MOLEX9-75235-0103 Datasheet
263Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Open Header, 80 Circuits, Gold (Au) 0.76關m (30關), Pin Length 3.55mm (.140)
75235-0104 MOLEX-75235-0104 Datasheet
318Kb / 3P
   1.85 by 1.85mm (.073 by .073?? Pitch GbX* Backplane Connector System in 2, 3, 4 and 5-Pair Columns
75235-0104 MOLEX9-75235-0104 Datasheet
263Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX짰 Backplane Connector System, Open Header, 80 Circuits, Gold (Au) 0.76關m (30關"), Pin Length 4.55mm (.179")
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com