Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0850400713 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0850400713
Description  2.54mm (.100") Pitch DIN 41612 Receptacle, Style B/2, 32 Circuits, Lead free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0850400713 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0850400713 Datasheet HTML 1Page - Molex Electronics Ltd. 0850400713 Datasheet HTML 2Page - Molex Electronics Ltd. 0850400713 Datasheet HTML 3Page - Molex Electronics Ltd. 0850400713 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0850400713
Status:
Active
Overview:
din_41612
Description:
2.54mm (.100") Pitch DIN 41612 Receptacle, Style B/2, 32 Circuits, Lead free
Documents:
3D Model
Product Specification PS-85042-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Backplane Connectors
Series
85040
Application
Daughtercard
Comments
No Mounting Clips. No Flux Proof
Component Type
PCB Receptacle
Overview
din_41612
Product Name
IEC 603-2/DIN 41612
Style
B/2
Physical
Circuits (Loaded)
32
Circuits (maximum)
32
Circuits Detail
Rows A & B
Durability (mating cycles max)
500
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
Yes
Number of Columns
16
Number of Pairs
Open Pin Field
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.177 In
PC Tail Length (mm)
4.50 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In, 0.157 In
PCB Thickness Recommended (mm)
1.60 mm, 4.00 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
Data Rate
622.0 Mbps
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
85040Series
Mates With
DIN 41612 Headers 85001 , 85011


Similar Part No. - 0850400713

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850400000 MOLEX9-0850400000 Datasheet
116Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Receptacle, Style B/2, 32 Circuits, Lead free
0850400012 MOLEX9-0850400012 Datasheet
116Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Receptacle, Style B/2, 32 Circuits, Lead free
0850400050 MOLEX9-0850400050 Datasheet
121Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Receptacle, Style B, 64 Circuits, Lead free
0850400127 MOLEX9-0850400127 Datasheet
121Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Receptacle, Style B, 64 Circuits, Lead free
0850400414 MOLEX9-0850400414 Datasheet
121Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Receptacle, Style B, 64 Circuits, Lead free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com