Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0791077264 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 0791077264
Description  2.00mm (.079") Pitch Milli-Grid Receptacle, Vertical, Through Hole, Dual Row, 1.91mm (.075") Tail Length
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0791077264 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0791077264 Datasheet HTML 1Page - Molex Electronics Ltd. 0791077264 Datasheet HTML 2Page - Molex Electronics Ltd. 0791077264 Datasheet HTML 3Page - Molex Electronics Ltd. 0791077264 Datasheet HTML 4Page - Molex Electronics Ltd. 0791077264 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image


Similar Part No. - 0791077264

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0791077260 MOLEX9-0791077260 Datasheet
278Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row1.91mm (.075") Tail Length, 0.76關m (30關") Gold (Au) Selective Plating, 22 Circuits,
0791077261 MOLEX9-0791077261 Datasheet
278Kb / 4P
   2.54mm (.100") Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through Hole,Vertical, Female Style M, 32 Circuits, Lead free
0791077262 MOLEX9-0791077262 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 1.91mm (.075) Tail Length, 0.76關m (30關) Gold (Au) Selective Plating, 26 Circuits
0791077262 MOLEX1-0791077262_17 Datasheet
44Kb / 2P
   2.00mm Pitch Milli-Grid Receptacle, Vertical, Through Hole, Dual Row, 1.91mm Tail
0791077263 MOLEX9-0791077263 Datasheet
278Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row1.91mm (.075") Tail Length, 0.76關m (30關") Gold (Au) Selective Plating, 28 Circuits,Leadfree
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com