Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0761349002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0761349002
Description  VHDM짰 H-Series Board-to-Board Backplane Header, 2.00mm (.079) Pitch Vertical, 8-Row, Open Signal Module, 80 Circuits, Advance Mate Shield
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0761349002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0761349002 Datasheet HTML 1Page - Molex Electronics Ltd. 0761349002 Datasheet HTML 2Page - Molex Electronics Ltd. 0761349002 Datasheet HTML 3Page - Molex Electronics Ltd. 0761349002 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0761349002
Status:
Active
Overview:
vhdm
Description:
VHDM® H-Series Board-to-Board Backplane Header, 2.00mm (.079") Pitch Vertical,
8-Row, Open Signal Module, 80 Circuits, Advance Mate Shield, Pin Length 6.25mm
(.246"), Lead Free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-74031-999 (PDF)
General
Product Family
Backplane Connectors
Series
76134
Application
Backplane
Comments
Open Header
Component Type
PCB Header
Overview
vhdm
Product Name
VHDM®
Style
N/A
Physical
Circuits (Loaded)
80
Circuits (maximum)
80
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
Beryllium Copper, High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Columns
N/A
Number of Pairs
Open Pin Field
Number of Rows
8
Orientation
Vertical
PC Tail Length (in)
0.067 In
PC Tail Length (mm)
1.70 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.070 In
PCB Thickness Recommended (mm)
1.80 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.039 In
Pitch - Term. Interface (mm)
1.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
30
Plating min: Termination (µm)
0.75
Polarized to PCB
Yes
Stackable
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
76134Series
Mates With
76021 VHDM® Board-to-Board
Daughtercard Receptacle
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
VHDM® Signal Pin
Inserter Repair Tool
0622015700
VHDM® 8 Row Pin
and Shield Repair
Tool
0622015900
VHDM® 8 Row
Shield Extraction
Tool
0622016100


Similar Part No. - 0761349002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0761349001 MOLEX9-0761349001 Datasheet
320Kb / 4P
   2.00mm (.079") Pitch VHDM짰 H Board-to-Board Backplane Header, Vertical, 8-RowSignal Module, Open End Version, 80 Circuits, Pin Length 4.75mm (.187"), Lead Free
More results

Similar Description - 0761349002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0761341002 MOLEX9-0761341002 Datasheet
318Kb / 4P
   VHDM짰 H-Series Board-to-Board Backplane Header, 2.00mm (.079) Pitch, Vertical, 8-Row, Open Signal Module, 80 Circuits, Advance Mate Shield
0761348502 MOLEX9-0761348502 Datasheet
321Kb / 4P
   VHDM짰 H-Series Board-to-Board Backplane Header, 2.00mm (.079) Pitch, Vertical, 8-Row, Open Signal Module, 200 Circuits, Advance Mate Shield
0740609006 MOLEX8-0740609006 Datasheet
291Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-Row,Open Signal Module, 80 Circuits, Advance Mate Shield, Pin Length 4.75mm (.187")
0740609004 MOLEX8-0740609004 Datasheet
293Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-RowOpen Signal Module, 80 Circuits, Advance Mate Shield, Pin Length 5.15mm (.203")
0761342501 MOLEX9-0761342501 Datasheet
317Kb / 4P
   2.00mm (.079) Pitch VHDM짰 H Board-to-Board Backplane Header, Vertical, 8-Row, Signal Module, Open End Version, 200 Circuits
0740572601 MOLEX8-0740572601 Datasheet
501Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 6-RowOpen Signal Module, 150 Circuits, Advance Mate Shield, Pin Length 4.75mm (.187")
0761351001 MOLEX9-0761351001 Datasheet
411Kb / 4P
   2.00mm (.079) Pitch VHDM짰 H Board-to-Board Backplane Header, Vertical, 8-Row, Guide Pin, Signal End Module, Open End Version, 80 Circuits
0740601003 MOLEX8-0740601003 Datasheet
283Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-Row,Open Signal Module, 80 Circuits, Pin Length 4.25mm (.167")
0740601001 MOLEX8-0740601001 Datasheet
283Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-Row,Open Signal Module, 80 Circuits, Pin Length 4.75mm (.187")
0751971001 MOLEX9-0751971001 Datasheet
241Kb / 4P
   2.00mm (.079) Pitch VHDM짰 Lite Board-to-Board Backplane Header, Vertical, 8-Row, Open Signal Module, 80 circuits, Pin Length 4.75mm (.187)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com