Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA472A Datasheet(PDF) 1 Page - Sanken electric

Part # STA472A
Description  PNP Darlington General purpose
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA472A Datasheet(HTML) 1 Page - Sanken electric

  STA472A Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
150
Characteristic curves
(Ta=25
°C)
Symbol
Ratings
Unit
VCBO
–60
V
VCEO
–60
V
VEBO
–6
V
IC
–2
A
ICP
–4 (PW
≤1ms, Du≤25%)
A
IB
–0.5
A
4 (Ta=25
°C)
20 (Tc=25
°C)
Tj
150
°C
Tstg
–40 to +150
°C
(Ta=25
°C)
Symbol
Unit
Conditions
ICBO
–10
µAVCB=–60V
IEBO
–5
mA
VEB=–6V
VCEO
–60
V
IC=–10mA
hFE
2000
4000
10000
VCE=–4V, IC=–1A
VCE(sat)
–1.2
–1.5
V
VBE(sat)
–1.9
–2.2
V
VFEC
–1.3
–1.8
V
IFEC=–1A
ton
0.4
µsVCC –30V,
tstg
1.0
µsIC=–1A,
tf
0.4
µsIB1=–IB2=–2mA
fT
100
MHz
VCE=12V, IE=–0.1A
Cob
30
pF
VCB=10V, f=1MHz
Specification
min
typ
max
PT
W
STA472A
IC=–1A, IB=–2mA
R1: 4k
Ω typ R2: 100Ω typ
1
R1
R2
2
3
4
5
6
7
8
9
10
0
0
–1
–2
–4
–3
–1
–2
–3
VCE (V)
–5
–4
–6
–5.0mA
–2.0mA
–1.2mA
–1.0mA
–0.8mA
–0.6mA
–0.5mA
–0.4mA
–0.3mA
–0.02
IC (A)
–0.1
–0.05
–1
–0.5
–4
50
1000
100
500
10000
5000
(VCE=–4V)
typ
(VCE=–4V)
10000
5000
1000
500
100
50
–0.02
–0.05
–0.1
–0.5
–1
–4
IC (A)
–30
°C
Ta
=125
°C
75
°C
25
°C
(IC / IB=1000)
–3
–2
0
–0.2
–0.5
–1
IC (A)
–1
–4
75
°C
25°C
Ta=–30
°C
125°C
–0.1
IB (mA)
–5
–1
–0.5
0
–1
–3
–2
(IC=–1A)
Ta=125
°C
75
°C
25
°C
–30
°C
0
VBE (V)
–2
–1
–3
0
–3
–2
–1
–4
(VCE=–4V)
PW (mS)
0.5
100
1000
500
50
10
5
1
5
0.5
1
10
20
0.2
–40
0
50
100
150
20
16
12
8.0
4.0
0
Ta (
°C)
24
With Silicone Grease
Natural Cooling
Heatsink: Aluminum
in mm
With Infinite Heatsink
100
×100×2
50
×50×2
25
×50×2
Without Heatsink
–5
–1
–0.5
–0.1
–0.05
–0.03
–3
–5
–10
–50
–100
VCE (V)
100
µ
s
Single Pulse
Without Heatsink
Ta=25
°C
PNP Darlington
General purpose
External dimensions D • • • STA400
Absolute maximum ratings
Electrical characteristics
sEquivalent circuit diagram
IC-VCE Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
VCE(sat)-IB Temperature Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
θ j-a-PW Characteristics
PT-Ta Characteristics
Safe Operating Area (SOA)


Similar Part No. - STA472A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA472A SANKEN-STA472A Datasheet
40Kb / 1P
   PNP Darlington General purpose
STA472A SANKEN-STA472A_06 Datasheet
40Kb / 1P
   PNP Darlington General purpose
More results

Similar Description - STA472A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA408A SANKEN-STA408A_06 Datasheet
37Kb / 1P
   PNP Darlington General purpose
SLA4070 SANKEN-SLA4070_06 Datasheet
36Kb / 1P
   PNP Darlington General purpose
SLA4070 SANKEN-SLA4070 Datasheet
22Kb / 1P
   PNP Darlington General purpose
STA308A SANKEN-STA308A Datasheet
20Kb / 1P
   PNP Darlington General purpose
SLA4070 SANKEN-SLA4070 Datasheet
36Kb / 1P
   PNP Darlington General purpose
SMA4020 SANKEN-SMA4020_01 Datasheet
35Kb / 1P
   PNP Darlington General purpose
SDA01 SANKEN-SDA01 Datasheet
20Kb / 1P
   PNP Darlington General purpose
SMA4030 SANKEN-SMA4030 Datasheet
22Kb / 1P
   PNP Darlington General purpose
STA402A SANKEN-STA402A Datasheet
21Kb / 1P
   PNP Darlington General purpose
STA472A SANKEN-STA472A_06 Datasheet
40Kb / 1P
   PNP Darlington General purpose
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com