Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85001-0464 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 85001-0464
Description  2.54mm (.100") Pitch DIN 41612 Header, Style B/2, Right Angle , Through Hole , 32 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

85001-0464 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  85001-0464 Datasheet HTML 1Page - Molex Electronics Ltd. 85001-0464 Datasheet HTML 2Page - Molex Electronics Ltd. 85001-0464 Datasheet HTML 3Page - Molex Electronics Ltd. 85001-0464 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0850010464
Status:
Active
Overview:
din_41612
Description:
2.54mm (.100") Pitch DIN 41612 Header, Style B/2, Right Angle , Through Hole , 32
Circuits , 0.25µm (10µ") Selective Gold (Au) , 32 Circuits
Documents:
3D Model
Product Specification PS-85003-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Backplane Connectors
Series
85001
Application
Daughtercard
Component Type
PCB Header
Overview
din_41612
Product Name
IEC 603-2/DIN 41612
Style
B/2
Physical
Circuits (Loaded)
32
Circuits (maximum)
32
Durability (mating cycles max)
50
Flammability
94V-0
Keying to Mating Part
Yes
Number of Columns
16
Number of Pairs
Open Pin Field
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.118 In
PC Tail Length (mm)
3.00 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1.5A
Data Rate
622.0 Mbps
Voltage - Maximum
250V AC (RMS)
Material Info
Reference - Drawing Numbers
Product Specification
PS-85003-0001
Sales Drawing
SDA-85001-0002, SDA-85001-0464
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
85001Series
Mates With
85040 , 85050


Similar Part No. - 85001-0464

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
85001-0438 MOLEX9-85001-0438 Datasheet
182Kb / 5P
   2.54mm (.100") Pitch DIN 41612 Header, Style B, Right Angle , Through Hole , 0.25關m10關") Selective Gold (Au) , 64 Circuits
85001-0452 MOLEX9-85001-0452 Datasheet
105Kb / 4P
   2.54mm (.100") Pitch DIN 41612 B Style Male Header, PCT, Right Angle, Through Hole
85001-0488 MOLEX9-85001-0488 Datasheet
107Kb / 4P
   2.54mm (.100") Pitch DIN 41612 B Style Male Header, PCT, Right Angle, ThroughHole, 0.30關m (12關") Selective Gold (Au) Plating, 64 Circuits, without Mounting ClipsNo Flux Proof
85001-0490 MOLEX9-85001-0490 Datasheet
105Kb / 4P
   2.54mm (.100) Pitch DIN 41612 B Style Male Header, PCT, Right Angle, Through Hole, 0.30關m (12關) Selective Gold (Au) Plating, 64 Circuits, without Mounting Clips
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com