Electronic Components Datasheet Search |
|
RH5RL41AA-TR Datasheet(PDF) 6 Page - RICOH electronics devices division |
|
RH5RL41AA-TR Datasheet(HTML) 6 Page - RICOH electronics devices division |
6 / 18 page R ×5RL 5 ELECTRICAL CHARACTERISTICS • R ×5RL20A Symbol Item VOUT Output Voltage IOUT Output Current ∆VOUT Load Regulation ∆IOUT VDIF Dropout Voltage ISS Quiescent Current ∆VOUT ∆VIN Line Regulation VIN Input Voltage ∆VOUT Output Voltage ∆Topt Temperature Coefficient Conditions MIN. TYP. MAX. Unit VIN=4.0V 1.950 2.000 2.050 V 10µA ≤IOUT≤10mA VIN=4.0V 25 35 mA VIN=4.0V 1mA ≤IOUT≤35mA 30 45 mV IOUT=1mA 60 90 mV VIN=4.0V 1.0 3.0 µA IOUT=1mA VOUT+0.5V ≤VIN≤10V 0.05 0.2 %/V 10 V IOUT=10mA ±100 ppm/˚C –40˚C ≤Topt≤85˚C Topt=25˚C • R ×5RL30A Topt=25˚C Symbol Item VOUT Output Voltage IOUT Output Current ∆VOUT Load Regulation ∆IOUT VDIF Dropout Voltage ISS Quiescent Current ∆VOUT ∆VIN Line Regulation VIN Input Voltage ∆VOUT Output Voltage ∆ Topt Temperature Coefficient Conditions MIN. TYP. MAX. Unit VIN=5.0V 2.925 3.000 3.075 V 10µA ≤IOUT≤10mA VIN=5.0V 35 50 mA VIN=5.0V 1mA ≤IOUT≤50mA 40 60 mV IOUT=1mA 40 60 mV VIN=5.0V 1.1 3.3 µA IOUT=1mA VOUT+0.5V ≤VIN≤10V 0.05 0.2 %/V 10 V IOUT=10mA ±100 ppm/˚C –40˚C ≤Topt≤85˚C |
Similar Part No. - RH5RL41AA-TR |
|
Similar Description - RH5RL41AA-TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |