Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA801M Datasheet(PDF) 3 Page - Sanken electric

Part # STA801M
Description  2-Output Separate Excitation Switching Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA801M Datasheet(HTML) 3 Page - Sanken electric

  STA801M Datasheet HTML 1Page - Sanken electric STA801M Datasheet HTML 2Page - Sanken electric STA801M Datasheet HTML 3Page - Sanken electric STA801M Datasheet HTML 4Page - Sanken electric STA801M Datasheet HTML 5Page - Sanken electric STA801M Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
110
sOutline Drawing
Plastic Mold Package Type
Flammability: UL94V-0
Weight: Approx. 2.5g
a. Part Number
b. Lot Number
q VO2 Cont
w VOS1
e SS1
r SWOUT1
t GND
y VIN
u SWOUT2
i SS2
o VOS2–2
!0 VOS2–1
sBlock Diagram
SW1
VIN
SS1
SS2
VO2 Cont
GND
6
3
1
5
4
VOS1
2
Drive
PWM
Logic
PWM
+
+
Vref
P.Reg.
SW2
VOS2 –1
8
4
VOS2 –2
9
10
Drive
PWM
Logic
PWM
+
+
Vref
OCP
TSD
OCP
PWM
OSC
f/4
Reset
Amp.
Amp.
1.15
25.25±0.3
C1.5±0.5
123456789 10
+0.2
–0.1
0.55
+0.2
–0.1
9
×P2.54±0.5=22.86±1
4±0.2
1.2±0.1
2–(R1)
4.3±0.7
R-END
0.55
+0.2
–0.1
a
b
(Tip dimension)
(Tip dimension)
qSTA801M/802M
(unit:mm)


Similar Part No. - STA801M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA801M SANKEN-STA801M Datasheet
62Kb / 2P
   2-Output Separate Excitation Step-down Switching Mode
More results

Similar Description - STA801M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR7000 SANKEN-STR7000 Datasheet
59Kb / 5P
   Separate Excitation Switching Type
STA801M SANKEN-STA801M Datasheet
62Kb / 2P
   2-Output Separate Excitation Step-down Switching Mode
SI-8800L SANKEN-SI-8800L Datasheet
79Kb / 5P
   Separate Excitation Switching Type with Transformer
SI-8400L SANKEN-SI-8400L Datasheet
77Kb / 6P
   Separate Excitation Switching Type with Coil
SI-8000E SANKEN-SI-8000E Datasheet
41Kb / 4P
   Full-Mold, Separate Excitation Switching Type
SI-8000S SANKEN-SI-8000S Datasheet
63Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SI-8000JF SANKEN-SI-8000JF Datasheet
87Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SAI01 SANKEN-SAI01 Datasheet
71Kb / 4P
   Surface-Mount, Separate Excitation Switching Type
SAI01-1 SANKEN-SAI01-1 Datasheet
49Kb / 4P
   Surface-mount and Separate Excitation Type
SI-8000GL SANKEN-SI-8000GL_11 Datasheet
73Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com