Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0878580004 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0878580004
Description  2.00mm Pitch Milli-Grid??Breakaway Header, Surface Mount, Single Row, Vertical, with Peg, without Kapton Tape, Tray Packaging, Mating Pin Length
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0878580004 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0878580004 Datasheet HTML 1Page - Molex Electronics Ltd. 0878580004 Datasheet HTML 2Page - Molex Electronics Ltd. 0878580004 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 0878580004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878580004 MOLEX1-0878580004_17 Datasheet
32Kb / 2P
   2.00mm Pitch Milli-Grid Breakaway Header, Surface Mount, Single Row, Vertical
More results

Similar Description - 0878580004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878580002 MOLEX10-0878580002 Datasheet
260Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Breakaway Header, Surface Mount, Single Row, Vertical, with Peg, without Kapton Tape, Tray Packaging, Mating Pin Length 3.20mm (.126)
0878580250 MOLEX10-0878580250 Datasheet
260Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Breakaway Header, Surface Mount, Single Row, Vertical, without Peg, with Kapton Tape, Tape on Reel Packaging
0878580450 MOLEX10-0878580450 Datasheet
259Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Breakaway Header, Surface Mount, Single Row, Vertical, without Peg, with Kapton Tape, Tape on Reel Packaging
0878580460 MOLEX10-0878580460 Datasheet
259Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Breakaway Header, Surface Mount, Single Row, Vertical, without Peg, with Kapton Tape, Tape on Reel Packaging
0878580004 MOLEX1-0878580004_17 Datasheet
32Kb / 2P
   2.00mm Pitch Milli-Grid Breakaway Header, Surface Mount, Single Row, Vertical
0878580006 MOLEX1-0878580006 Datasheet
32Kb / 2P
   2.00mm Pitch Milli-Grid Breakaway Header, Surface Mount, Single Row, Vertical
0878580450 MOLEX1-0878580450_17 Datasheet
32Kb / 2P
   2.00mm Pitch Milli-Grid Breakaway Header, Surface Mount, Single Row, Vertical
0878580550 MOLEX1-0878580550_17 Datasheet
25Kb / 2P
   2.00mm Pitch Milli-Grid Breakaway Header, Surface Mount, Single Row
0878580001 MOLEX1-0878580001 Datasheet
32Kb / 2P
   2.00mm Pitch Milli-Grid Breakaway Header, Surface Mount, Single Row
0878580002 MOLEX1-0878580002_17 Datasheet
33Kb / 2P
   2.00mm Pitch Milli-Grid Breakaway Header, Surface Mount, Single Row
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com