Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0901210137 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0901210137
Description  2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 17 Circuits, Tin (Sn) Plating
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0901210137 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0901210137 Datasheet HTML 1Page - Molex Electronics Ltd. 0901210137 Datasheet HTML 2Page - Molex Electronics Ltd. 0901210137 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/30/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0901210137
Status:
Active
Description:
2.54mm (.100") Pitch C-Grid III™ Header, Single Row, Right Angle, 17 Circuits, Tin
(Sn) Plating
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
PCB Headers
Series
90121
Application
Wire-to-Board
Product Name
C-Grid III™
Physical
Breakaway
Yes
Circuits (Loaded)
17
Circuits (maximum)
17
Color - Resin
Black
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.114 In
PC Tail Length (mm)
2.90 mm
PCB Locator
No
PCB Retention
None
Packaging Type
Bag
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
160
Plating min: Mating (µm)
4.00
Plating min: Termination (µin)
120
Plating min: Termination (µm)
3
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
350V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90121Series


Similar Part No. - 0901210137

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901210130 MOLEX10-0901210130 Datasheet
211Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 10 Circuits, Tin (Sn) Plating
0901210130 MOLEX1-0901210130_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid III Header, Single Row, Right Angle, 10 Circuits, Tin (Sn) Plating
0901210131 MOLEX10-0901210131 Datasheet
211Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 11 Circuits, Tin (Sn) Plating
0901210131 MOLEX1-0901210131_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid III Header, Single Row, Right Angle, 11 Circuits, Tin (Sn) Plating
0901210132 MOLEX10-0901210132 Datasheet
211Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 12 Circuits, Tin (Sn) Plating
More results

Similar Description - 0901210137

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901200137 MOLEX10-0901200137 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 17 Circuits, Tin (Sn) Plating
0901210142 MOLEX10-0901210142 Datasheet
210Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 22 Circuits, Tin (Sn) Plating
0901210143 MOLEX10-0901210143 Datasheet
210Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 23 Circuits, Tin (Sn) Plating
0901210153 MOLEX10-0901210153 Datasheet
210Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 33 Circuits, Tin (Sn) Plating
0901210125 MOLEX10-0901210125 Datasheet
211Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 5 Circuits, Tin (Sn) Plating
0901210140 MOLEX10-0901210140 Datasheet
210Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 20 Circuits, Tin (Sn) Plating
0901210159 MOLEX10-0901210159 Datasheet
210Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 39 Circuits, Tin (Sn) Plating
0901210126 MOLEX10-0901210126 Datasheet
211Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 6 Circuits, Tin (Sn) Plating
0901210160 MOLEX10-0901210160 Datasheet
150Kb / 3P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 40 Circuits, Tin (Sn) Plating
0901210129 MOLEX10-0901210129 Datasheet
211Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 9 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com