Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

90136-1103 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 90136-1103
Description  2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 3 Circuits, 4關m (160關) Tin/Lead (Sn) over Nickel (Ni)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90136-1103 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  90136-1103 Datasheet HTML 1Page - Molex Electronics Ltd. 90136-1103 Datasheet HTML 2Page - Molex Electronics Ltd. 90136-1103 Datasheet HTML 3Page - Molex Electronics Ltd. 90136-1103 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0901361103
Status:
Active
Overview:
cgrid_iii
Description:
2.54mm (.100") Pitch C-Grid III™ Header, Single Row, Vertical, Shrouded, 3 Circuits,
4µm (160µ") Tin/Lead (Sn) over Nickel (Ni)
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
PCB Headers
Series
90136
Application
Wire-to-Board
Overview
cgrid_iii
Product Name
C-Grid III™
Physical
Breakaway
No
Circuits (Loaded)
3
Circuits (maximum)
3
Color - Resin
Black
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.114 In
PC Tail Length (mm)
2.90 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
120
Plating min: Mating (µm)
3
Plating min: Termination (µin)
120
Plating min: Termination (µm)
3
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
350V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90136Series
Mates With
90123 C-Grid III™ Modular Crimp Housing.
90156 C-Grid III™ Crimp Housing


Similar Part No. - 90136-1103

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90136-1102 MOLEX10-90136-1102 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 2 Circuits, 4關m (160關) Tin/Lead (Sn) over Nickel (Ni)
90136-1104 MOLEX10-90136-1104 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 4 Circuits, 4關m (160關) Tin/Lead (Sn) over Nickel (Ni)
90136-1105 MOLEX10-90136-1105 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 5 Circuits, 4關m (160關) Tin/Lead (Sn) over Nickel (Ni)
90136-1106 MOLEX10-90136-1106 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 6 Circuits, 4關m (160關) Tin/Lead (Sn) over Nickel (Ni)
90136-1107 MOLEX10-90136-1107 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 7 Circuits, 4關m (160關) Tin/Lead (Sn) over Nickel (Ni)
More results

Similar Description - 90136-1103

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901361104 MOLEX10-0901361104 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 4 Circuits, 4關m (160關) Tin/Lead (Sn) over Nickel (Ni)
0901361105 MOLEX10-0901361105 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 5 Circuits, 4關m (160關) Tin/Lead (Sn) over Nickel (Ni)
0901361108 MOLEX10-0901361108 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 8 Circuits, 4關m (160關) Tin/Lead (Sn) over Nickel (Ni)
0901361107 MOLEX10-0901361107 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 7 Circuits, 4關m (160關) Tin/Lead (Sn) over Nickel (Ni)
0901361106 MOLEX10-0901361106 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 6 Circuits, 4關m (160關) Tin/Lead (Sn) over Nickel (Ni)
0901361125 MOLEX10-0901361125 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 25 Circuits, 4關m (160關) Tin/Lead (Sn) over Nickel (Ni)
0901361112 MOLEX10-0901361112 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 12 Circuits, 4關m (160關) Tin/Lead (Sn) over Nickel (Ni)
0901361132 MOLEX10-0901361132 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 32 Circuits, 4關m (160關) Tin/Lead (Sn) over Nickel (Ni)
0901361130 MOLEX10-0901361130 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 30 Circuits, 4關m (160關) Tin/Lead (Sn) over Nickel (Ni)
0901361115 MOLEX10-0901361115 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 15 Circuits, 4關m (160關) Tin/Lead (Sn) over Nickel (Ni)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com