Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR9012 Datasheet(PDF) 4 Page - Sanken electric

Part # STR9012
Description  5-Terminal, Low Dropout Voltage Dropper Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR9012 Datasheet(HTML) 4 Page - Sanken electric

  STR9012 Datasheet HTML 1Page - Sanken electric STR9012 Datasheet HTML 2Page - Sanken electric STR9012 Datasheet HTML 3Page - Sanken electric STR9012 Datasheet HTML 4Page - Sanken electric STR9012 Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
69
External Variable Output Voltage Circuit
1. Variable output voltage with a single external resistor
The output voltage of the STR9000 series may be decreased by insert-
ing a resistor between terminals No.1 (output terminal) and No.2 (out-
put fine adjustment terminals). Alternatively, the output voltage may be
increased by inserting a resistor between terminals No.2 and No.5
(ground terminal).
<Standard External Circuit>
2. Fine adjustment of output voltage
The output voltage may be finely adjusted by using terminals No.1, No.2
and No. 5 as shown in the following connections.
<Standard External Circuit>
Note: The fine adjustment range of output voltage for the STR9000 se-
ries is
±0.5V max for STR9012 and +1.0V/-2.0V max for STR9015.
Adjustment exceeding these values may cause start-up errors.
w Typical Characteristics of Fine Output Voltage Adjustment
q Typical Characteristics of Variable Output Voltage
1
4
35
2
STR9000
VIN
GND
VO
GND
REX
for Vo down
REX
for Vo up
++
Select either one of the external resistor.
1
4
35
2
STR9000
VIN
GND
VO
R1
R2
VR
GND
++
20K
50K 100K
500K
1M
5M
50M
10M
5.3
5.2
5.1
5.0
4.9
4.8
4.7
STR9005
External Resistor REX (
Ω)
(Ta=25
°C)
Variable Output
Voltage Range
20K
50K 100K
500K
1M
5M
50M
10M
14
13
12
11
10
9
External Resistor REX (
Ω)
(Ta=25
°C)
STR9012
Variable Output
Voltage Range
20K
50K 100K
500K
1M
5M
50M
10M
17
16
15
14
13
12
External Resistor REX (
Ω)
: Insertion of resistor between terminals No. 2 and No. 5
: Insertion of resistor between terminals No. 2 and No. 1
(Ta=25
°C)
STR9015
Variable Output Voltage Range
STR9005
0
100
200
300
400
500
5.4
5.2
5.0
4.8
4.6
VR (k
Ω)
R1=150 k
R2=150 k
(Ta=25
°C)
0
100
200
300
400
500
14
13
12
11
10
VR (k
Ω)
(Ta=25
°C)
R1=100 k
R2= 30 k
STR9012
0
100
200
300
400
500
20
18
16
14
12
10
VR (k
Ω)
(Ta=25
°C)
R1=100 k
R2= 20 k
STR9015
qSTR9000 Series


Similar Part No. - STR9012

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR9-DK STMICROELECTRONICS-STR9-DK Datasheet
141Kb / 4P
   Raisonance?셲 unlimited development tool bundles for STM32, STR7 and STR9
STR910-EVAL STMICROELECTRONICS-STR910-EVAL Datasheet
89Kb / 3P
   Evaluation board for STR91xF
STR910FAM32 STMICROELECTRONICS-STR910FAM32 Datasheet
1Mb / 99P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR910FAM32 STMICROELECTRONICS-STR910FAM32 Datasheet
1Mb / 101P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR910FAM32H6T STMICROELECTRONICS-STR910FAM32H6T Datasheet
1Mb / 99P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
More results

Similar Description - STR9012

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000V SANKEN-SI-3000V Datasheet
41Kb / 4P
   3-Terminal, Low Dropout Voltage Dropper Type
SI-3000J SANKEN-SI-3000J Datasheet
52Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000B SANKEN-SI-3000B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3157B SANKEN-SI-3157B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000F SANKEN-SI-3000F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3050F SANKEN-SI-3050F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000C SANKEN-SI-3000C Datasheet
59Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI3240C ETC-SI3240C Datasheet
94Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI-3000N SANKEN-SI-3000N Datasheet
37Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com