Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR9015 Datasheet(PDF) 2 Page - Sanken electric

Part # STR9015
Description  5-Terminal, Low Dropout Voltage Dropper Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR9015 Datasheet(HTML) 2 Page - Sanken electric

  STR9015 Datasheet HTML 1Page - Sanken electric STR9015 Datasheet HTML 2Page - Sanken electric STR9015 Datasheet HTML 3Page - Sanken electric STR9015 Datasheet HTML 4Page - Sanken electric STR9015 Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
67
sOutline Drawing
(unit:mm)
Plastic Mold Package Type
Flammability: UL94V-0
Weight: Approx. 14.5g
Terminal Connections
q Output (backside of case)
w Output Fine Adjustment
e Output ON/OFF Control
r Input
t Ground
sBlock Diagram
4
1
2
3
5
M
Tr1
Tr2
R2
R1
R4
R6
R7
R8
R5
R3
qSTR9000 Series
36.0
±0.3
2.0
±0.2
24.4
±0.2
5.45
×4
2.0
3.0
3.5
5.45
1.0
+0.2
–0.1
0.6
+0.2
–0.1
6.0max.
q
wert
Part Number
Lot Number


Similar Part No. - STR9015

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR9-DK STMICROELECTRONICS-STR9-DK Datasheet
141Kb / 4P
   Raisonance?셲 unlimited development tool bundles for STM32, STR7 and STR9
STR910-EVAL STMICROELECTRONICS-STR910-EVAL Datasheet
89Kb / 3P
   Evaluation board for STR91xF
STR910FAM32 STMICROELECTRONICS-STR910FAM32 Datasheet
1Mb / 99P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR910FAM32 STMICROELECTRONICS-STR910FAM32 Datasheet
1Mb / 101P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR910FAM32H6T STMICROELECTRONICS-STR910FAM32H6T Datasheet
1Mb / 99P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
More results

Similar Description - STR9015

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000V SANKEN-SI-3000V Datasheet
41Kb / 4P
   3-Terminal, Low Dropout Voltage Dropper Type
SI-3000J SANKEN-SI-3000J Datasheet
52Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000B SANKEN-SI-3000B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3157B SANKEN-SI-3157B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000F SANKEN-SI-3000F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3050F SANKEN-SI-3050F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000C SANKEN-SI-3000C Datasheet
59Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI3240C ETC-SI3240C Datasheet
94Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI-3000N SANKEN-SI-3000N Datasheet
37Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com