Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR7102+SI-8021 Datasheet(PDF) 5 Page - Sanken electric

Part # STR7102+SI-8021
Description  Separate Excitation Switching Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR7102+SI-8021 Datasheet(HTML) 5 Page - Sanken electric

  STR7102+SI-8021 Datasheet HTML 1Page - Sanken electric STR7102+SI-8021 Datasheet HTML 2Page - Sanken electric STR7102+SI-8021 Datasheet HTML 3Page - Sanken electric STR7102+SI-8021 Datasheet HTML 4Page - Sanken electric STR7102+SI-8021 Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
90
sTypical Characteristics
STR7001+SI-8020(5V)
STR7002+SI-8021(12V)
STR7003+SI-8023(24V)
Rise Characteristics
Rise Characteristics
Rise Characteristics
Efficiency Characteristics
Efficiency Characteristics
Efficiency Characteristics
0
10
8
6
4
2
0
2
4
6
8
10
12
14
16
18
20
Input Voltage VIN (V)
100
90
80
70
60
50
40
30
0
01234567
Output Current IO (A)
VIN=11V
20V
30V
40V
0
5
10
15
20
25
30
35
40
45
20
15
10
5
0
Input Voltage VIN (V)
3A
100
90
80
70
60
50
40
0
01
2
3
4
5
6
7
VIN=18V
30V
40V
50V
Output Current IO (A)
0
5
10
15
20
25
30
35
40
45
Input Voltage VIN (V)
3A
30
25
20
15
10
5
0
100
90
80
70
60
50
40
0
0
1
23
45
6
7
VIN=30V
40V
50V
Output Current IO (A)
015
510
20
25
30
45
40
35
30
25
20
15
10
5
0
Input Voltage VIN (V)
06
24
8
10
12
14
100
90
80
70
60
50
0
Output Current IO (A)
VIN=30V
40V
50V
STR7101+SI-8020(5V)
STR7102+SI-8021(12V)
STR7103+SI-8023(24V)
Rise Characteristics
Rise Characteristics
Rise Characteristics
Efficiency Characteristics
Efficiency Characteristics
Efficiency Characteristics
02468
10
12
14
16
18
20
10
8
6
4
2
0
Input Voltage VIN (V)
6 A
06
24
8
10
12
14
100
90
80
70
60
50
40
30
0
Output Current IO (A)
VIN=11V
20V
30V
40V
020
510
15
25
30
35
45
40
20
15
10
5
0
Input Voltage VIN (V)
6 A
06
24
8
10
12
14
100
90
80
70
60
50
40
0
Output Current IO (A)
VIN=18V
30V
40V
50V
(Ta=25
°C)
qSTR7000+SI-8020 Series


Similar Part No. - STR7102+SI-8021

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR710-EVAL STMICROELECTRONICS-STR710-EVAL Datasheet
730Kb / 27P
   Evaluation Board for STR71xF
STR710F STMICROELECTRONICS-STR710F Datasheet
659Kb / 49P
   ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR710FR2XX STMICROELECTRONICS-STR710FR2XX Datasheet
1Mb / 77P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR710FZ1 STMICROELECTRONICS-STR710FZ1 Datasheet
1Mb / 74P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR710FZ1 STMICROELECTRONICS-STR710FZ1 Datasheet
1Mb / 78P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
More results

Similar Description - STR7102+SI-8021

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8800L SANKEN-SI-8800L Datasheet
79Kb / 5P
   Separate Excitation Switching Type with Transformer
SI-8400L SANKEN-SI-8400L Datasheet
77Kb / 6P
   Separate Excitation Switching Type with Coil
SI-8000E SANKEN-SI-8000E Datasheet
41Kb / 4P
   Full-Mold, Separate Excitation Switching Type
SI-8000S SANKEN-SI-8000S Datasheet
63Kb / 6P
   Full-Mold, Separate Excitation Switching Type
STA801M SANKEN-STA801M Datasheet
82Kb / 6P
   2-Output Separate Excitation Switching Type
SI-8000JF SANKEN-SI-8000JF Datasheet
87Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SAI01 SANKEN-SAI01 Datasheet
71Kb / 4P
   Surface-Mount, Separate Excitation Switching Type
SAI01-1 SANKEN-SAI01-1 Datasheet
49Kb / 4P
   Surface-mount and Separate Excitation Type
SI-8000GL SANKEN-SI-8000GL_11 Datasheet
73Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode
SI-8010GL SANKEN-SI-8010GL Datasheet
52Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com