Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87832-2422 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 87832-2422
Description  2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 24 Circuits, 0.38關m (15關) Gold (Au) Plating, Pick-and-Place Cap
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87832-2422 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  87832-2422 Datasheet HTML 1Page - Molex Electronics Ltd. 87832-2422 Datasheet HTML 2Page - Molex Electronics Ltd. 87832-2422 Datasheet HTML 3Page - Molex Electronics Ltd. 87832-2422 Datasheet HTML 4Page - Molex Electronics Ltd. 87832-2422 Datasheet HTML 5Page - Molex Electronics Ltd. 87832-2422 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0878322422
Status:
Active
Overview:
milligrid
Description:
2.00mm (.079") Pitch Milli-Grid™ Header, Surface Mount, Vertical, Shrouded, Lead-
free, 24 Circuits, 0.38µm (15µ") Gold (Au) Plating, Pick-and-Place Cap, with Locking
Windows and Center Polarization Slot, PCB Locator, Tube
Documents:
3D Model
Product Specification PS-87831-027 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
87832
Application
Wire-to-Board
Comments
With Cap|Contact Molex for application in automotive
industry
Overview
milligrid
Product Name
Milli-Grid™
Physical
Breakaway
No
Circuits (Loaded)
24
Circuits (maximum)
24
Color - Resin
Black
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
2
Orientation
Vertical
PCB Locator
Yes
PCB Retention
None
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
75
Plating min: Termination (µm)
1.88
Polarized to Mating Part
Side Slots (2)
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87832Series
Mates With
50394 Wire-to-Board Terminals. 51110
Wire-to-Board Crimp Housing. 87568 Wire-
to-Board IDT Housings. 79107 Board-to-
Board Top Entry Through Hole Receptacle.
79108 Board-to-Board FFC/FPC Top Entry
Through Hole Receptacle. L


Similar Part No. - 87832-2422

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87832-2420 MOLEX10-87832-2420 Datasheet
379Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 24 Circuits, 0.38關m (15關) Gold (Au) Plating
87832-2421 MOLEX10-87832-2421 Datasheet
398Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 24 Circuits, 0.76關m (30關) Gold (Au) Plating
87832-2423 MOLEX10-87832-2423 Datasheet
398Kb / 3P
   2.00mm (.079 24 Circuits, 0.76關m (30關 Windows and Center Polarization Slot, PCB Locator, Tube
More results

Similar Description - 87832-2422

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878326122 MOLEX10-0878326122 Datasheet
379Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 24 Circuits, 0.38關m (15關) Gold (Au) Plating, with Pick-and Place Cap
0878325022 MOLEX10-0878325022 Datasheet
379Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 50 Circuits, 0.38關m (15關) Gold (Au) Plating, Pick-and-Place Cap
0878321022 MOLEX10-0878321022 Datasheet
379Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 10 Circuits, 0.38關m (15關) Gold (Au) Plating, Pick-and-Place Cap
0878322222 MOLEX10-0878322222 Datasheet
379Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 22 Circuits, 0.38關m (15關) Gold (Au) Plating, Pick-and-Place Cap
0878320822 MOLEX10-0878320822 Datasheet
379Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 8 Circuits, 0.38關m (15關) Gold (Au) Plating, Pick-and-Place Cap
0878323022 MOLEX10-0878323022 Datasheet
379Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 30 Circuits, 0.38關m (15關) Gold (Au) Plating, Pick-and-Place Cap
0878321222 MOLEX10-0878321222 Datasheet
379Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 12 Circuits, 0.38關m (15關) Gold (Au) Plating, Pick-and-Place Cap
0878320622 MOLEX10-0878320622 Datasheet
379Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 6 Circuits, 0.38關m (15關) Gold (Au) Plating, Pick-and-Place Cap
0878321622 MOLEX10-0878321622 Datasheet
379Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree, 16 Circuits, 0.38關m (15關) Gold (Au) Plating, Pick-and-Place Cap
0878321822 MOLEX10-0878321822 Datasheet
379Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree, 18 Circuits, 0.38關m (15關) Gold (Au) Plating, Pick-and-Place Cap
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com