Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0887670600 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0887670600
Description  0.50mm (.020) Pitch HDMI*(F) To 1.90mm (.075) Pitch DVI-D(M) Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0887670600 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0887670600 Datasheet HTML 1Page - Molex Electronics Ltd. 0887670600 Datasheet HTML 2Page - Molex Electronics Ltd. 0887670600 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 0887670600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0887614500 MOLEX10-0887614500 Datasheet
81Kb / 2P
   1.27mm (.050) Pitch Serial ATA IDT Power Adapter Cable, 0.152m (6.00) Length, Gold Flash, 5V12V, Leadfree
0887614600 MOLEX10-0887614600 Datasheet
80Kb / 2P
   1.27mm (.050) Pitch Serial ATA Power Harness-to-Pigtail, IDT, 1.50m (4.92) Length, Gold Flash, 5V12V, Leadfree
0887614700 MOLEX10-0887614700 Datasheet
143Kb / 3P
   1.27mm (.050) Pitch Serial ATA Power Harness-to-Pigtail, IDT, 1.50m (4.92) Length, Gold Flash, 3.3V5V12V, Leadfree
0887625400 MOLEX10-0887625400 Datasheet
144Kb / 3P
   1.27mm (.050) Pitch Serial ATA Straight-to-Right Angle Signal Cable Assembly, 0.50m (1.64) Length, Red, Leadfree
0887625410 MOLEX10-0887625410 Datasheet
122Kb / 3P
   1.27mm (.050) Pitch Serial ATA Straight-to-Right Angle Signal Cable Assembly, 1.0m (3.28) Length, Red, Leadfree
More results

Similar Description - 0887670600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0887642000 MOLEX10-0887642000 Datasheet
593Kb / 8P
   0.50mm (.020) Pitch HDMI*(M) To 1.90mm (.075) Pitch DVI-D(F) Adapter
0887645900 MOLEX10-0887645900 Datasheet
202Kb / 5P
   0.50mm (.020) Pitch HDMI*(F) To 1.90mm (.075) Pitch P&D(M) Adapter
logo
Tripp Lite. All Rights ...
P132-000 TRIPPLITE-P132-000 Datasheet
168Kb / 2P
   DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
P130-000 TRIPPLITE-P130-000 Datasheet
165Kb / 2P
   HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P130000 TRIPPLITE-P130000 Datasheet
504Kb / 2P
   HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132000 TRIPPLITE-P132000 Datasheet
501Kb / 2P
   DVI to HDMI Cable Adapter (DVI-D to HDMI F-M)
P130-08N TRIPPLITE-P130-08N Datasheet
155Kb / 2P
   HDMI to DVI Adapter Cable (HDMI to DVI-D F/M), 8-in.
P13208N TRIPPLITE-P13208N Datasheet
478Kb / 2P
   HDMI to DVI Cable Adapter (HDMI-M to DVI-D F) 8-in
P132-08N TRIPPLITE-P132-08N Datasheet
157Kb / 2P
   HDMI to DVI Cable Adapter (HDMI-M to DVI-D F) 8-in.
logo
IOGEAR
GHDDVIC4K3 IOGEAR-GHDDVIC4K3 Datasheet
162Kb / 2P
   HDMI (M) to DVI-D (M) Adapter Cable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com