Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF541M Datasheet(PDF) 2 Page - Sanken electric

Part # TF541M
Description  TO-220 5A Thyristor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

TF541M Datasheet(HTML) 2 Page - Sanken electric

  TF541M Datasheet HTML 1Page - Sanken electric TF541M Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.3
0.5
1
100
50
10
5
1.0
2.0
4.0
3.0
On-state voltage
vT (V)
vT iT Characteristics (max)
0
20
40
60
80
100
Number of cycle
ITSM Ratings
1
5
10
50
100
Gate current
iGF (A)
01
2
3
0
2
4
6
8
10
12
Gate Characteristics
0
0
1
2
10
20
30
1 cycle
10 ms
ITSM
0
0
1
2
4
5
6
7
8
3
26
48
Average on-state current IT(AV) (A)
IT(AV) –PT(AV) Characteristics
0
0
25
100
75
50
150
125
68
4
2
Average on-state current IT(AV) (A)
IT(AV) – Tc Ratings
25
°C
75
°C
125
°C
igt
tw
50%
–20
°C
25
°C
75
°C
125
°C
110
102
103
104
Pulse width
t w (
µs)
0.05
0.1
1
30
10
0.5
0.5
110
102
103
104
Pulse width
t w (
µs)
0.05
0.1
10
1
30
–40
0
50
75
100
25
125
0
10
20
30
Junction temperature Tj (
°C)
IH temperature Characteristics
(Typical)
110
102
103
104
t, Time (ms)
0.1
1
10
–40
0
50
75
100
25
125
0.8
0.6
0.4
0.2
0
1.0
Junction temperature Tj (
°C)
0
2
4
8
10
6
12
–40
0
75
100
25
50
125
Junction temperature Tj (
°C)
11
(RGK=1k
Ω)
(VD=6V, RL=10
Ω)
(VD=6V, RL=10
Ω)
TF521M, TF541M, TF561M
Tj =125
°C
Tj = 25
°C
Tj=125
°C
Initial junction temperature
See graph at the upper right
Gate trigger current IGT (mA)
50Hz Half-cycle sinewave
θ : Conduction angle
180
°
0
°
θ
50Hz Half-cycle sinewave
θ: Conduction angle
θ
180
°
0
°
Pulse trigger temperature
Characteristics
vgt (Typical)
TC=– 40
°C
vgt
50%
tw
–20
°C
Pulse trigger temperature
Characteristics
igt (Typical)
TC=– 40
°C
VGT temperature Characteristics
(Typical)
IGT temperature Characteristics
(Typical)
Transient thermal resistance
Characteristics (Junction to case)


Similar Part No. - TF541M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TF541S SANKEN-TF541S Datasheet
49Kb / 2P
   TO-220F 5A Thyristor
TF541S-A SANKEN-TF541S-A Datasheet
30Kb / 1P
   TO-220F 5A High sensitive Thyristor
TF541S-A SANKEN-TF541S-A Datasheet
75Kb / 3P
   Thyristors
TF541S-A SANKEN-TF541S-A Datasheet
75Kb / 3P
   Thyristors
More results

Similar Description - TF541M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TM541M-L SANKEN-TM541M-L Datasheet
65Kb / 2P
   TO-220 5A Triac
TF521S SANKEN-TF521S Datasheet
49Kb / 2P
   TO-220F 5A Thyristor
TF821M SANKEN-TF821M Datasheet
48Kb / 2P
   TO-220 8A Thyristor
TF321M SANKEN-TF321M Datasheet
48Kb / 2P
   TO-220 3A Thyristor
TF541S-A SANKEN-TF541S-A Datasheet
30Kb / 1P
   TO-220F 5A High sensitive Thyristor
TF321M-A SANKEN-TF321M-A Datasheet
45Kb / 2P
   TO-220 3A High sensitive Thyristor
logo
Renesas Technology Corp
CR5AS-8UE RENESAS-CR5AS-8UE Datasheet
485Kb / 7P
   400V - 5A - Thyristor
May. 10, 2019
logo
Foshan Blue Rocket Elec...
BT151 FOSHAN-BT151 Datasheet
1Mb / 6P
   Thyristor in a TO-220 Plastic Package
logo
Tiger Electronic Co.,Lt...
5P4J TGS-5P4J Datasheet
129Kb / 1P
   5A SMALL MOLD THYRISTOR
logo
NEC
5P4M NEC-5P4M Datasheet
414Kb / 4P
   5A(8 Ar.m.s) Thyristor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com