Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0877594815 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0877594815
Description  2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 48 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Lead-free
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0877594815 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0877594815 Datasheet HTML 1Page - Molex Electronics Ltd. 0877594815 Datasheet HTML 2Page - Molex Electronics Ltd. 0877594815 Datasheet HTML 3Page - Molex Electronics Ltd. 0877594815 Datasheet HTML 4Page - Molex Electronics Ltd. 0877594815 Datasheet HTML 5Page - Molex Electronics Ltd. 0877594815 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0877594815
Status:
Active
Overview:
milligrid
Description:
2.00mm (.079") Pitch Milli-Grid™ Header, Surface Mount, Vertical, 48 Circuits, 0.76µm
(30µ") Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Lead-free
Documents:
3D Model
Product Specification PS-87761-100 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
PCB Headers
Series
87759
Application
Board-to-Board
Overview
milligrid
Product Name
Milli-Grid™
Physical
Breakaway
Yes
Circuits (Loaded)
48
Circuits (maximum)
48
Color - Resin
Black
Durability (mating cycles max)
100
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Mated Height (in)
0.150 In
Mated Height (mm)
3.80 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PCB Locator
No
PCB Retention
None
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Surface Mount
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87759Series
Mates With
79107 Milli-Grid™ Receptacle, Vertical,
Through Hole. 79108 Milli-Grid™ Flex-to-
Board, Vertical Receptacle. Milli-Grid™
Receptacle, Surface Mount. 79109. 87381


Similar Part No. - 0877594815

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877594814 MOLEX10-0877594814 Datasheet
431Kb / 8P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 48 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Lead-free
More results

Similar Description - 0877594815

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877594865 MOLEX10-0877594865 Datasheet
292Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 48 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs
0877593015 MOLEX10-0877593015 Datasheet
291Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 30 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Lead-free
0877595015 MOLEX10-0877595015 Datasheet
291Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 50 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Lead-free
0877593615 MOLEX10-0877593615 Datasheet
291Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 36 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Lead-free
0877593415 MOLEX10-0877593415 Datasheet
291Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 34 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Lead-free
0877591215 MOLEX10-0877591215 Datasheet
291Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 12 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Lead-free
0877591415 MOLEX10-0877591415 Datasheet
291Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 14 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Lead-free
0877592015 MOLEX10-0877592015 Datasheet
291Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 20 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Lead-free
0877594015 MOLEX10-0877594015 Datasheet
394Kb / 9P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 40 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Lead-free
0877592215 MOLEX10-0877592215 Datasheet
291Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 22 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Lead-free
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com