Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0885238103 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0885238103
Description  FC/UPC-to-Pigtail, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0885238103 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0885238103 Datasheet HTML 1Page - Molex Electronics Ltd. 0885238103 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0885238103

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885238100 MOLEX10-0885238100 Datasheet
76Kb / 2P
   FC/UPC-to-Pigtail, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885238101 MOLEX10-0885238101 Datasheet
76Kb / 2P
   FC/UPC-to-Pigtail, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885238102 MOLEX10-0885238102 Datasheet
76Kb / 2P
   FC/UPC-to-Pigtail, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
0885238104 MOLEX10-0885238104 Datasheet
69Kb / 2P
   FC/UPC-to-Pigtail, Singlemode, 9/125關m/G655, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885238105 MOLEX10-0885238105 Datasheet
76Kb / 2P
   FC/UPC-to-Pigtail, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
More results

Similar Description - 0885238103

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885230004 MOLEX10-0885230004 Datasheet
119Kb / 2P
   FC/UPC-to-FC/UPC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885230104 MOLEX10-0885230104 Datasheet
99Kb / 2P
   FC/UPC-to-SC/UPC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885230503 MOLEX10-0885230503 Datasheet
80Kb / 2P
   ST/UPC-to-Pigtail, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885276503 MOLEX10-0885276503 Datasheet
77Kb / 2P
   SC/UPC-to-Pigtail, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885238104 MOLEX10-0885238104 Datasheet
69Kb / 2P
   FC/UPC-to-Pigtail, Singlemode, 9/125關m/G655, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885235703 MOLEX10-0885235703 Datasheet
91Kb / 2P
   FC/UPC-to-FC/UPC, Singlemode, 9/125關m/G652, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885236004 MOLEX10-0885236004 Datasheet
83Kb / 2P
   FC/UPC-to-FC/UPC, Singlemode, 9/125關m/G655, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885230405 MOLEX10-0885230405 Datasheet
85Kb / 2P
   ST/UPC-to-ST/UPC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885233303 MOLEX10-0885233303 Datasheet
84Kb / 2P
   FC/UPC-to-ST/UPC, Singlemode, 9/125關m/G652, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885230404 MOLEX10-0885230404 Datasheet
85Kb / 2P
   ST/UPC-to-ST/UPC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118) , Standard Fiber Optic Cable Assembly, 5.0m (16.40)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com