Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0885263500 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0885263500
Description  LC-to-LC, Multimode, 62.5/125關m, Simplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0885263500 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0885263500 Datasheet HTML 1Page - Molex Electronics Ltd. 0885263500 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0885263500
Status:
Active
Description:
LC-to-LC, Multimode, 62.5/125µm, Simplex, 2.00mm (.079"), Standard Fiber Optic
Cable Assembly, 1.0m (3.28' )
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Fiber Optic Assemblies
Series
88526
Connector to Connector
LC-to-LC
Mode
Multimode
Product Name
LC
Physical
Cable Length
1.0m (3.28' )
Cable Size
2.00mm (.079")
Fiber (Core/Cladding)
62.5/125µm
Single Ended
No
Wire/Cable Type
Simplex
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-88526-030
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
88526Series
This document was generated on 04/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0885263500

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885263502 MOLEX10-0885263502 Datasheet
81Kb / 2P
   LC-to-LC, Multimode, 62.5/125關m, Simplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
More results

Similar Description - 0885263500

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885236600 MOLEX10-0885236600 Datasheet
96Kb / 2P
   LC-to-LC, Multimode, 62.5/125關m/G655, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885263700 MOLEX10-0885263700 Datasheet
81Kb / 2P
   LC-to-LC, Multimode, 62.5/125關m, Simplex, 0.90mm (.035), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885262200 MOLEX10-0885262200 Datasheet
85Kb / 2P
   LC-to-ST, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885272600 MOLEX10-0885272600 Datasheet
80Kb / 2P
   FC-to-LC, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885236700 MOLEX10-0885236700 Datasheet
92Kb / 2P
   SC-to-LC, Multimode, 62.5/125關m, Duplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885263901 MOLEX10-0885263901 Datasheet
83Kb / 2P
   LC-to-SC, Multimode, 50/125關m, Simplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885263502 MOLEX10-0885263502 Datasheet
81Kb / 2P
   LC-to-LC, Multimode, 62.5/125關m, Simplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
88526-3500 MOLEX11-88526-3500 Datasheet
31Kb / 1P
   LC-to-LC, Multimode, 62.5/125m, Simplex, 2.00mm, Standard Fiber Optic Cable Assembly, 1.0m
0885238300 MOLEX10-0885238300 Datasheet
88Kb / 2P
   LC-to-LC, Singlemode, 9/125關m/G652, Simplex, 2.00mm (.079), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885263800 MOLEX10-0885263800 Datasheet
87Kb / 2P
   LC-to-LC, Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com