Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0887685500 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0887685500
Description  1.27mm (.050) Pitch DMS-59짰 (M)-to-Two DVI-D(M) Adapters Cable Assembly, 2.0m (6.56) Length
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0887685500 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0887685500 Datasheet HTML 1Page - Molex Electronics Ltd. 0887685500 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0887685500
Status:
Active
Overview:
dms59
Description:
1.27mm (.050") Pitch DMS-59® (M)-to-Two DVI-D(M) Adapters Cable Assembly, 2.0m
(6.56' ) Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-88768-55XX (PDF)
General
Product Family
Cable Assemblies
Series
88759
Connector to Connector
DMS-59™-to-DVI-D
Overview
dms59
Product Name
DMS59®
Physical
Cable Length
2.0m (6.56' )
Circuits (Loaded)
59
Color - Resin
Black
Gender
Male-Male
Lock to Mating Part
Yes
Material - Metal
Aluminum, Phosphor Bronze
Material - Plating Mating
Gold, n/a
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic, Polyester
Packaging Type
Bag
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
10, 75
Plating min: Mating (µm)
0.25, 1.875
Plating min: Termination (µin)
100, 150
Plating min: Termination (µm)
2.5, 3.75
Single Ended
No
Termination Interface: Style
N/A, Solder or Weld, Through Hole
Wire Insulation Diameter
N/A
Wire Size AWG
30
Wire/Cable Type
Round
Electrical
Current - Maximum per Contact
1A
Impedance
100 ohms
Shielded
Yes
Voltage - Maximum
30V AC
Material Info
Reference - Drawing Numbers
Product Specification
PS-88768-55XX
Sales Drawing
SD-88744-099, SD-88768-099
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
88759Series
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0887685500

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0887685510 MOLEX10-0887685510 Datasheet
171Kb / 3P
   1.27mm (.050) Pitch DMS-59짰 (M)-to-Two DVI-D(M) Adapters Cable Assembly, 3.0m (9.84) Length
More results

Similar Description - 0887685500

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0887685510 MOLEX10-0887685510 Datasheet
171Kb / 3P
   1.27mm (.050) Pitch DMS-59짰 (M)-to-Two DVI-D(M) Adapters Cable Assembly, 3.0m (9.84) Length
0887685300 MOLEX10-0887685300 Datasheet
178Kb / 3P
   1.27mm (.050) Pitch DMS-59짰-to-Two DVI-I Adapters Cable Assembly, 0.20m (7.87) Length
0887685200 MOLEX10-0887685200 Datasheet
175Kb / 3P
   1.27mm (.050) Pitch DMS-59짰-to-Two VGA Adapters Cable Assembly, 0.20m (7.87) Length
0887667600 MOLEX10-0887667600 Datasheet
204Kb / 4P
   1.27mm (.050) Pitch LFH??(M)-to-Two DVI_D (M) Adapter Cable Assemblies, 2.0m (6.56) Length
0887685400 MOLEX10-0887685400 Datasheet
321Kb / 5P
   1.27mm (.050) Pitch DMS-59짰 -to-DVI-I(F)VGA(F) Adapter Cable Assembly, 0.20m (7.87) Length
0751351009 MOLEX9-0751351009 Datasheet
164Kb / 4P
   1.27mm (.050) Pitch DMS-59짰 Cable Plug Subassembly, Shielded
0751351000 MOLEX9-0751351000 Datasheet
145Kb / 4P
   1.27mm (.050) Pitch DMS-59짰 Cable Plug Subassembly, Shielded
0751341001 MOLEX9-0751341001 Datasheet
285Kb / 5P
   1.27mm (.050) Pitch DMS-59짰 Receptacle, Shielded, Right Angle
0751341000 MOLEX9-0751341000 Datasheet
285Kb / 5P
   1.27mm (.050) Pitch DMS-59짰 Receptacle, Shielded, Right Angle
0887667610 MOLEX10-0887667610 Datasheet
173Kb / 3P
   1.27mm (.050) Pitch LFH??(M)-to-Two DVI_D (M) Adapter Cable, 3.0m (9.84) Length
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com